Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX31VKN5C Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCIMX31VKN5C
Description  Multimedia Applications Processors
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31VKN5C Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCIMX31VKN5C Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX31VKN5C Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Functional Description and Application Information
MCIMX31/MCIMX31L Technical Data, Rev. 4.1
Freescale Semiconductor
7
Fusebox
Fusebox
ROM
The Fusebox is a ROM that is factory configured by Freescale.
4.3.12/55
See also
Table 11
GPIO
General
Purpose I/O
Module
Pins
The GPIO provides several groups of 32-bit bidirectional, general
purpose I/O. This peripheral provides dedicated general-purpose
signals that can be configured as either inputs or outputs.
GPT
General
Purpose Timer
Timer
Peripheral
The GPT is a multipurpose module used to measure intervals or
generate periodic output.
GPU
Graphics
Processing Unit
Multimedia
Peripheral
The GPU provides hardware acceleration for 2D and 3D graphics
algorithms.
I2C
Inter IC
Communication
Connectivity
Peripheral
The I2C provides serial interface for controlling the Sensor Interface
and other external devices. Data rates of up to 100 Kbits/s are
supported.
4.3.13/56
IIM
IC Identification
Module
ID
The IIM provides an interface for reading device identification.
IPU
Image
Processing Unit
Multimedia
Peripheral
The IPU processes video and graphics functions in the MCIMX31
and interfaces to video, still image sensors, and displays.
4.3.14/57,
4.3.15/59
KPP
Keypad Port
Connectivity
Peripheral
The KPP is used for keypad matrix scanning or as a general purpose
I/O. This peripheral simplifies the software task of scanning a keypad
matrix.
MPEG-4
MPEG-4 Video
Encoder
Multimedia
Peripherals
The MPEG-4 encoder accelerates video compression, following the
MPEG-4 standard
MSHC
Memory Stick
Host Controller
Connectivity
Peripheral
The MSHC is placed in between the AIPS and the customer memory
stick to support data transfer from the MCIMX31 to the customer
memory stick.
4.3.16/84
PADIO
Pads I/O
Buffers and
Drivers
The PADIO serves as the interface between the internal modules and
the device's external connections.
4.3.1/22
PCMCIA
PCM
Connectivity
Peripheral
The PCMCIA Host Adapter provides the control logic for PCMCIA
socket interfaces.
4.3.17/86
PWM
Pulse-Width
Modulator
Timer
Peripheral
The PWM has a 16-bit counter and is optimized to generate sound
from stored sample audio images. It can also generate tones.
4.3.18/88
RNGA
Random
Number
Generator
Accelerator
Security
The RNGA module is a digital integrated circuit capable of generating
32-bit random numbers. It is designed to comply with FIPS-140
standards for randomness and non-determinism.
RTC
Real Time Clock Timer
Peripheral
The RTC module provides a current stamp of seconds, minutes,
hours, and days. Alarm and timer functions are also available for
programming. The RTC supports dates from the year 1980 to 2050.
RTIC
Run-Time
Integrity
Checkers
Security
The RTIC ensures the integrity of the peripheral memory contents
and assists with boot authentication.
Table 3. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page


Similar Part No. - MCIMX31VKN5C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31VKN5 FREESCALE-MCIMX31VKN5 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31VKN5 FREESCALE-MCIMX31VKN5 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31VKN5B FREESCALE-MCIMX31VKN5B Datasheet
1Mb / 108P
   Multimedia Applications Processors
More results

Similar Description - MCIMX31VKN5C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
   Power management for multimedia processors
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
   Multimedia Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com