Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX351AVM5B Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX351AVM5B
Description  Multimedia Applications Processor for Automotive Products
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX351AVM5B Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX351AVM5B Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX351AVM5B Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
MCIMX35 (i.MX35) Multimedia Applications Processor for Automotive Products Advance Information, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
6
The ARM11 core is intended to operate at a maximum frequency of 532 MHz to support the required
multimedia use cases. Furthermore, an Image Processing Unit (IPU) is integrated into the AP domain to
offload the ARM11 core from performing functions such as color space conversion, image rotation and
scaling, graphics overlay, and pre- and post-processing.
Peripheral functionality belonging to the AP domain include the user interface, connectivity, display,
security, and memory interfaces and 128 Kbytes of multipurpose SRAM.
2.2
Shared Domain Overview
The shared domain is composed of the shared peripherals, a Smart DMA Engine (SDMA) and a number
of miscellaneous modules. For maximum flexibility, some peripherals are directly accessible by the
SDMA engine.
The MCIMX35 has a hierarchical memory architecture including L1 caches and unified L2 cache. This
reduces the bandwidth demands for the external bus and external memory. The external memory
subsystem supports a flexible external memory system, including support for SDRAM (SDR, DDR2 and
Mobile DDR) and NAND Flash.
2.3
Advanced Power Management Overview
To address the continuing need to reduce power consumption, the following techniques are incorporated
in the MCIMX35:
Clock gating
Power gating
Power optimized synthesis
Well biasing
The insertion of gating into the clock paths allows unused portions of the chip to be disabled. Since static
CMOS logic consumes only leakage power, significant power savings can be realized.
“Well biasing” is applying a voltage that is greater than Vdd to the nwells and lower than Vss to the pwells.
The effect of applying this well back bias voltage reduces the subthreshold channel leakage. For the 90-nm
digital process, it is estimated that the subthreshold leakage is reduced by a factor of ten over the nominal
leakage. Additionally, the supply voltage for internal logic can be reduced from 1.4 V to 1.22 V.
2.4
ARM11 Microprocessor Core
The CPU of the i.MX35 is the ARM1136JF-S core, based on the ARM v6 architecture. This core supports
the ARM Thumb® instruction sets, features Jazelle® technology (which enables direct execution of Java
byte codes), and a range of SIMD DSP instructions that operate on 16-bit or 8-bit data values in 32-bit
registers.
The ARM1136JF-S processor core features are as follows:
Integer unit with integral EmbeddedICElogic
Eight-stage pipeline
Branch prediction with return stack


Similar Part No. - MCIMX351AVM5B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX351AVM5B FREESCALE-MCIMX351AVM5B Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Automotive Products
MCIMX351AVM5B FREESCALE-MCIMX351AVM5B Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
logo
NXP Semiconductors
MCIMX351AVM5B NXP-MCIMX351AVM5B Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
More results

Similar Description - MCIMX351AVM5B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com