Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13102E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13102E
Description  16-Channel Buffered CMOS Logic-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13102E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13102E Datasheet HTML 5Page - Maxim Integrated Products MAX13102E Datasheet HTML 6Page - Maxim Integrated Products MAX13102E Datasheet HTML 7Page - Maxim Integrated Products MAX13102E Datasheet HTML 8Page - Maxim Integrated Products MAX13102E Datasheet HTML 9Page - Maxim Integrated Products MAX13102E Datasheet HTML 10Page - Maxim Integrated Products MAX13102E Datasheet HTML 11Page - Maxim Integrated Products MAX13102E Datasheet HTML 12Page - Maxim Integrated Products MAX13102E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Pin Description—MAX13101E/MAX13102E/MAX13103E
PIN
TQFN
WLP
NAME
FUNCTION
1, 21, 30
D6
GND
Ground
2
C2
I/O VL5
Input/Output 5. Referenced to VL.
3
A3
I/O VL6
Input/Output 6. Referenced to VL.
4
B3
I/O VL7
Input/Output 7. Referenced to VL.
5
C3
I/O VL8
Input/Output 8. Referenced to VL.
6
A4
I/O VL9
Input/Output 9. Referenced to VL.
7
B4
I/O VL10
Input/Output 10. Referenced to VL.
8
C4
I/O VL11
Input/Output 11. Referenced to VL.
9
A5
I/O VL12
Input/Output 12. Referenced to VL.
10
C6
EN
Global Enable Input. Pull EN low for shutdown. Drive EN to VCC or VL for normal operation.
11
B5
I/O VL13
Input/Output 13. Referenced to VL.
12
C5
I/O VL14
Input/Output 14. Referenced to VL.
13
A6
I/O VL15
Input/Output 15. Referenced to VL.
14
B6
I/O VL16
Input/Output 16. Referenced to VL.
15, 36
A1
VL
Logic Supply Voltage, +1.2V
≤ VL ≤ VCC. Bypass VL to GND with a 0.1µF capacitor.
16, 35
F1
VCC
VCC Supply Voltage, +1.65V
≤ VCC ≤ +5.5V. Bypass VCC to GND with a 0.1µF capacitor.
For full ESD protection, connect a 1.0µF capacitor from VCC to GND, located as close to the
VCC input as possible.
17
E6
I/O VCC16 Input/Output 16. Referenced to VCC.
18
F6
I/O VCC15 Input/Output 15. Referenced to VCC.
RAIL-TO-RAIL DRIVING (DRIVING I/O VL)
10ns/div
MAX13101E-3/8E toc13
I/0 VL_
1V/div
I/0 VCC_
2V/div
GND
GND
CI/OVCC_= 50pF
Typical Operating Characteristics (continued)
(VCC = 3.3V, VL = 1.8V, data rate = 20Mbps, TA = +25°C, unless otherwise noted.)
16-Channel Buffered CMOS
Logic-Level Translators
_______________________________________________________________________________________
9
PROPAGATION DELAY vs. CAPACITIVE LOAD
ON I/O VL_ (DRIVING I/O VCC_)
CAPACITIVE LOAD (pF)
10
20
30
40
50
0
1
2
3
4
5
tPHL
tPLH
FIGURES 2a, 2b


Similar Part No. - MAX13102E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1310 MAXIM-MAX1310 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1310 MAXIM-MAX1310 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1310ECM MAXIM-MAX1310ECM Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1310ECM MAXIM-MAX1310ECM Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1310ECM++ MAXIM-MAX1310ECM+ Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
More results

Similar Description - MAX13102E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
logo
Analog Devices
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com