Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX31LCVMN4D Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCIMX31LCVMN4D
Description  Multimedia Applications Processors for Industrial and Automotive Products
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31LCVMN4D Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCIMX31LCVMN4D Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX31LCVMN4D Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
Electrical Characteristics
MCIMX31C/MCIMX31LC Technical Data, Rev. 4.1
Freescale Semiconductor
11
NOTES
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal
resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of
other components on the board, and board thermal resistance.
2. Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6.
Thermal test board meets JEDEC specification for this package.
3. Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board
meets JEDEC specification for the specified package.
4. Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The
cold plate temperature is used for the case temperature. Reported value includes the thermal
resistance of the interface layer.
5. Thermal characterization parameter indicating the temperature difference between the package
top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the
thermal characterization parameter is written as Psi-JT.
Junction to Ambient (@200 ft/min)
Four layer board (2s2p)
RθJMA
25
°C/W
1, 2, 3
Junction to Board
RθJB
19
°C/W
1, 3
Junction to Case (Top)
RθJCtop
10
°C/W
1, 4
Junction to Package Top (natural convection)
Ψ
JT
2°C/W
1, 5
Table 6. Thermal Resistance Data—19
× 19 mm Package (continued)
Rating
Board
Symbol
Value
Unit
Notes


Similar Part No. - MCIMX31LCVMN4D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31LCVMN4D FREESCALE-MCIMX31LCVMN4D Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LCVMN4D FREESCALE-MCIMX31LCVMN4D Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
More results

Similar Description - MCIMX31LCVMN4D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com