Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC30E5S Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # OC30E5S
Description  SC-Cut Crystal - Sine Wave - 5.0 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

OC30E5S Datasheet(HTML) 1 Page - EUROQUARTZ limited

  OC30E5S Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
SC-Cut Crystal - Sine Wave - 5.0 Volts
DESCRIPTION
OC30E5S series oven-controlled crystal oscillators are close tolerance
OCXOs with excellent phase noise performance.
Frequency Range 10.0MHz to 100.0MHz
36.2 x 27.7 x 16.0mm 5 pin metal, solder-sealed package
Supply Voltage 5.0 Volts
SC-Cut Crystal
Sine Wave Output
·
EFC (Voltage control) as standard
OUTLINE & DIMENSIONS
SPECIFICATION
OCXO - OC30E5S SERIES
Crystal Cut:
SC-cut
Output Waveform:
Sine Wave
Supply Voltage:
+5.0 VDC ±0.2V
Frequency Range:
1.25MHz to 100.0MHz
Initial Calibration Tolerance:
±0.5ppm max.(at VCON +2.5V)
Frequency Stability
over 0° to +60°C:
±0.01ppm
over -20° to +70°C:
±0.02ppm
over -40° to +85°C:
±0.03ppm
vs. Voltage Change:
<±20ppb for ±5% change
vs. Ageing:
±2.0ppb max per day
±0.1ppm per first year
±0.5ppm over 10 years
vs. Load Change:
<±20ppb for ±5% change
Warm-up Time:
1 minutes max. to within
±0.1ppm of nominal freq.
Voltage Control
Control Voltage Centre:
+2.5 Volts (VCON)
Freq. Deviation Range:
±0.5ppm min., ±2ppm max.
ref. to 25°C and O.T.R.
Control Voltage Range:
2.5V ±2.0Volts
Transfer Function:
Positive: Increasing control
voltage increases output
frequency
Input Impedance:
100k
minimum
EFC Linearity:
±10% maximum
Power Dissipation:
1.2W max. steady state
3.5W max. at turn on
Output
Output Level:
+3dBm typ., +8dBm max.
into 50W load
Harmonics:
-30dBc min.
Spurious:
-75dBc min.
Reference Voltage:
+4.0±0.3VDC or custom
Envionmental
Storage Temperature:
-55° to +125°C
Shock:
2000g, 0.3ms ½ sine
Vibration:
10 ~2000Hz / 10g
Offset
dBc/Hz
1Hz
-85
10Hz
-120
100Hz
-140
1kHz
-145
10kHz
-150
PHASE NOISE (at 10MHz)
TEST CIRCUIT
PART NUMBER FORMAT
Example:
OC30GE5S-10.000-0.02/-20+70
OCXO Package: OC30
RoHS Compliance
G: RoHS Compliant
Blank: Non-compliant
E: Output Sine Wave
5: Supply Voltage 5.0Volts
S: SC-Cut Crystal
Nominal Frequency 10.0MHz
Stability in ±ppm
Operating Temperature Range °C
Lowest Temperature/Highest Temperature
Square wave output load: 15W
Sine Wave output load: 50W


Similar Part No. - OC30E5S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC30E5A EUROQUARTZ-OC30E5A Datasheet
99Kb / 1P
   AT-Cut Crystal - Sine Wave - 5.0 Volts
OC30E5A-10.000-0.08-20 EUROQUARTZ-OC30E5A-10.000-0.08-20 Datasheet
99Kb / 1P
   AT-Cut Crystal - Sine Wave - 5.0 Volts
More results

Similar Description - OC30E5S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC22E5S EUROQUARTZ-OC22E5S Datasheet
94Kb / 1P
   SC-Cut Crystal - Sine Wave - 5.0 Volts
OC11E5S EUROQUARTZ-OC11E5S Datasheet
109Kb / 1P
   SC-Cut Crystal - Sine Wave - 5.0 Volts
OC31E5S EUROQUARTZ-OC31E5S Datasheet
99Kb / 1P
   SC-Cut Crystal - Sine Wave - 5.0 Volts
OC18E5S EUROQUARTZ-OC18E5S Datasheet
113Kb / 1P
   SC-Cut Crystal - Sine Wave - 5.0 Volts
OC11E12S EUROQUARTZ-OC11E12S Datasheet
109Kb / 1P
   SC-Cut Crystal - Sine Wave - 12.0 Volts
OC22E12S EUROQUARTZ-OC22E12S Datasheet
94Kb / 1P
   SC-Cut Crystal - Sine Wave - 12.0 Volts
OC22E5A EUROQUARTZ-OC22E5A Datasheet
94Kb / 1P
   AT-Cut Crystal - Sine Wave - 5.0 Volts
OC31E5A EUROQUARTZ-OC31E5A Datasheet
99Kb / 1P
   AT-Cut Crystal - Sine Wave - 5.0 Volts
OC18E5A EUROQUARTZ-OC18E5A Datasheet
113Kb / 1P
   AT-Cut Crystal - Sine Wave - 5.0 Volts
OC30E5A EUROQUARTZ-OC30E5A Datasheet
99Kb / 1P
   AT-Cut Crystal - Sine Wave - 5.0 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com