Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX31LVMN5C Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCIMX31LVMN5C
Description  Multimedia Applications Processors
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31LVMN5C Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCIMX31LVMN5C Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31LVMN5C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
MCIMX31/MCIMX31L Technical Data, Rev. 4.1
4
Freescale Semiconductor
Functional Description and Application Information
1.3
Block Diagram
Figure 1 shows the MCIMX31 simplified interface block diagram.
Figure 1. MCIMX31 Simplified Interface Block Diagram
2
Functional Description and Application Information
2.1
ARM11 Microprocessor Core
The CPU of the MCIMX31 is the ARM1136JF-S core based on the ARM v6 architecture. It supports the
ARM Thumb® instruction sets, features Jazelle® technology (which enables direct execution of Java byte
codes), and a range of SIMD DSP instructions that operate on 16-bit or 8-bit data values in 32-bit registers.
The ARM1136JF-S processor core features:
Integer unit with integral EmbeddedICElogic
Eight-stage pipeline
Branch prediction with return stack
Low-interrupt latency
External Memory
AP Peripherals
SRAM, PSRAM,
SDRAM
NAND Flash,
SmartMedia
GPU*
Camera
MPEG-4
Baseband
SD
Card
Fast
IrDA
USB
Image Processing Unit (IPU)
Parallel
Sensor (2)
Serial
LCD
Timers
AUDMUX
SSI (2)
UART (5)
GPT
PWM
EPIT (2)
RTC
GPIO
WDOG
1-WIRE
®
CSPI (3)
I2C (3)
FIR
KPP
CCM
ARM11TM Platform
I-Cache
D-Cache
L2-Cache
ROMPATCH
VFP
SDMA
USB-OTG
IIM
Expansion
SIM
ATA
PCMCIA/CF
Mem Stick (2)
SDHC (2)
USB Host (2)
* GPU unavailable for i.MX31L
Inversion and Rotation
Camera Interface
Blending
Display/TV Ctl
Pre and Post Processing
Display (2)
NOR Flash
DDR
WLAN
Bluetooth
Interface (EMI)
Power
Management
IC
PC
Card
PC
Card
Host/Device
Mouse
Keyboard
Tamper
Detection
Serial
EPROM
Video Encoder
8 x 8
Keypad
GPS
ATA
Hard Drive
ARM1136JF-STM
MAX
Memory
Internal
Security
RNGA
SCC
RTIC
Debug
ECT
SJC
ETM


Similar Part No. - MCIMX31LVMN5C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31LVKN5 FREESCALE-MCIMX31LVKN5 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31LVKN5 FREESCALE-MCIMX31LVKN5 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31LVKN5B FREESCALE-MCIMX31LVKN5B Datasheet
1Mb / 108P
   Multimedia Applications Processors
More results

Similar Description - MCIMX31LVMN5C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
   Power management for multimedia processors
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
   Multimedia Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com