Electronic Components Datasheet Search |
|
MCIMX356AVM4B Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MCIMX356AVM4B Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 140 page MCIMX35 (i.MX35) Multimedia Applications Processor for Automotive Products Advance Information, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 10 IIM IC identification module ARM Security modules The IIM provides the primary user-visible mechanism for interfacing with on-chip fuse elements. Among the uses for the fuses are unique chip identifiers, mask revision numbers, cryptographic keys, and various control signals requiring a fixed value. IOMUX External signals and pin multiplexing ARM Pins Each I/O multiplexer provides a flexible, scalable multiplexing solution with the following features: Up to eight output sources multiplexed per pin Up to four destinations for each input pin Unselected input paths held at constant levels for reduced power consumption IPUv1 Image processing unit ARM Multimedia peripherals The IPU supports video and graphics processing functions. It also provides the interface for image sensors and displays. The IPU performs the following main functions: Preprocessing of data from the sensor or from the external system memory Postprocessing of data from the external system memory Post-filtering of data from the system memory with support of the MPEG-4 (both deblocking and deringing) and H.264 post-filtering algorithms Displaying video and graphics on a synchronous (dumb or memory-less) display Displaying video and graphics on an asynchronous (smart) display Transferring data between IPU sub-modules and to/from the system memory with flexible pixel reformatting KPP Keypad port ARM Connectivity peripherals Can be used for either keypad matrix scanning or general purpose I/O. MLB Media local bus ARM Connectivity peripherals The MLB is designed to interface to an automotive MOST ring. OSCAUD OSC audio reference oscillator Analog Clock The OSCAUDIO oscillator provides a stable frequency reference for the PLLs. This oscillator is designed to work in conjunction with an external 24.576-MHz crystal. OSC24M OSC24M—24- MHz reference oscillator Analog Clock The signal from the external 24-MHz crystal is the source of the CLK24M signal fed into USB PHY as the reference clock and to the real time clock (RTC). MPLL PPLL Digital phase-locked loops SDMA Clocks DPLLs are used to generate the clocks: MCU PLL (MPLL)—programmable Peripheral PLL (PPLL)—programmable PWM Pulse-width modulator ARM ARM1136 platform peripherals The pulse-width modulator (PWM) is optimized to generate sound from stored sample audio images; it can also generate tones. RTC Real-time clock ARM Clocks Provides the ARM1136 platform with a clock function (days, hours, minutes, seconds) and includes alarm, sampling timer, and minute stopwatch capabilities. Table 4. Digital and Analog Modules (continued) Block Mnemonic Block Name Domain1 Subsystem Brief Description |
Similar Part No. - MCIMX356AVM4B |
|
Similar Description - MCIMX356AVM4B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |