Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13235EEUP+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13235EEUP+
Description  3Mbps RS-232 Transceivers with Low-Voltage Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13235EEUP+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13235EEUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 9Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 10Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 11Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 12Page - Maxim Integrated Products MAX13235EEUP+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3Mbps RS-232 Transceivers with
Low-Voltage Interface
_______________________________________________________________________________________
9
Pin Descriptions
PIN
MAX13234E/
MAX13235E
MAX13236E/
MAX13237E
TSSOP
TQFN-EP
TQFN-EP
NAME
FUNCTION
1
19
14
READY
Ready to Transmit Output, Active-High. READY is enabled
high when V- goes below -4V and the device is ready to
transmit.
21
16
C1+
Positive Terminal of the Voltage Doubler Charge-Pump
Capacitor
3
20
15
V+
+5.5V Generated by the Charge Pump
42
1
C1-
Negative Terminal of the Voltage Doubler Charge-Pump
Capacitor
5
3
2
C2+
Positive Terminal of the Inverting Charge-Pump Capacitor
6
4
3
C2-
Negative Terminal of the Inverting Charge-Pump Capacitor
7
5
4
V-
-5.5V Generated by the Charge Pump
8
6
T2OUT
RS-232 Transmitter Output 2
5
RIN
RS-232 Receiver Input
9
7
R2IN
RS-232 Receiver Input 2
6
ROUT
CMOS Receiver Output. VL referred logic.
10
8
R2OUT
CMOS Receiver Output 2. VL referred logic.
11
9
7
VL
Logic-Level Supply. All CMOS inputs and outputs are related
to this supply.
8
TIN
CMOS Transmitter Input. VL referred logic.
12
10
T2IN
CMOS Transmitter Input 2. VL referred logic.
13
11
T1IN
CMOS Transmitter Input 1. VL referred logic.
14
12
9
FORCEON
FORCEON Input, Active-High. VL referenced logic. Drive
FORCEON high to override automatic circuitry keeping
transmitters on (
FORCEOFF must be high).
See Table 1.
15
13
R1OUT
CMOS Receiver Output 1. VL referred logic.
10
TOUT
RS-232 Transmitter Output
16
14
R1IN
RS-232 Receiver Input 1
17
15
T1OUT
RS-232 Transmitter Output 1
18
16
11
GND
Ground
19
17
12
VCC
+3V to +5.5V Supply Voltage
20
18
13
FORCEOFF
FORCEOFF Input, Active-Low. VL referenced logic. Drive
FORCEOFF low to shut down transmitters and on-board
charge pumps. All receiver and transmitter outputs are tri-
stated. This overrides all automatic circuitry and FORCEON
(Table 1).
EP
Exposed Pad. Connect EP to GND or leave unconnected.


Similar Part No. - MAX13235EEUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13235EEUP++ MAXIM-MAX13235EEUP+ Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
More results

Similar Description - MAX13235EEUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E_V01 Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com