Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13235E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13235E
Description  3Mbps RS-232 Transceivers with Low-Voltage Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13235E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13235E Datasheet HTML 1Page - Maxim Integrated Products MAX13235E Datasheet HTML 2Page - Maxim Integrated Products MAX13235E Datasheet HTML 3Page - Maxim Integrated Products MAX13235E Datasheet HTML 4Page - Maxim Integrated Products MAX13235E Datasheet HTML 5Page - Maxim Integrated Products MAX13235E Datasheet HTML 6Page - Maxim Integrated Products MAX13235E Datasheet HTML 7Page - Maxim Integrated Products MAX13235E Datasheet HTML 8Page - Maxim Integrated Products MAX13235E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3Mbps RS-232 Transceivers with
Low-Voltage Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, VL = +1.62V to VCC, TA = -40°C to +85°C, C1–C4 = 0.1µF, VCC = VL, tested at 3.3V ±10%. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Transition-Region Slew Rate
VCC = +3.3V, TA = +25°C, RL = 3k
Ω to 7kΩ,
measured from +3V to -3V or -3V to +3V,
one transmitter switching, CL = 150pF to
1000pF
630
V/µs
TIMING CHARACTERISTICS (MAX13235E/MAX13237E)
RL = 3k
Ω, CL = 250pF, one transmitter
switching
1
Maximum Data Rate
RL = 3k
Ω, CL = 150pF, one transmitter
switching
3
Mbps
Receiver Propagation Delay
tRPHL,
tRPLH
CL = 150pF, Figures 2, 3
0.15
µs
Transmitter Skew
|tTPHL
tTPLH|
Figures 4, 5 (Note 4)
25
ns
Receiver Skew
|tRPHL
tRPLH|
Figures 2, 3
50
ns
Transition-Region Slew Rate
VCC = +3.3V, TA = +25°C, RL = 3k
Ω to 7kΩ,
measured from T_OUT = +3V to -3V or -3V
to +3V, one transmitter switching, CL =
150pF to 1000pF
24
150
V/µs
ESD PROTECTION
Human Body Model
±15
IEC 61000-4-2 Air Discharge
±15
R_IN, T_OUT to GND
IEC 61000-4-2 Contact Discharge
±8
kV
Note 2: All devices are 100% production tested at TA = +85°C. All temperature limits are guaranteed by design.
Note 3: A transmitter/receiver edge is defined as a transition through the transmitter/receiver input-logic thresholds.
Note 4: Transmitter skew is measured at the transmitter zero cross points.


Similar Part No. - MAX13235E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13235EETP++ MAXIM-MAX13235EETP+ Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
MAX13235EEUP++ MAXIM-MAX13235EEUP+ Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
More results

Similar Description - MAX13235E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E_V01 Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com