Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6255EGR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA6255EGR2
Description  Digital Dual Axis Micromachined Accelerometer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6255EGR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA6255EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6255EGR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MMA6222EG
Sensors
Freescale Semiconductor
11
2.4
CONTROL TIMING
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 4 K/min unless otherwise specified
Notes:
1. Functionality verified 100% via scan. Timing characteristic is directly determined by internal oscillator frequency.
2. Verified by characterization, not tested in production.
3. Parameters tested 100% at final test.
4. Parameters tested 100% at unit probe.
5. Devices are trimmed at 100 Hz with 1000 Hz low-pass filter option selected.
6. Cutoff frequencies shown are -4dB referenced to 0 Hz response, to correspond with previous specifications.
Ref
Characteristic
Symbol
Min
Typ
Max
Units
106
107
DSP Low-Pass Filter (5)
Cutoff frequency (6)
DSP Low-Pass Filter
Cutoff frequency (-3dB, referenced to 0 Hz)
380
335
400
353
420
371
Hz
Hz
(1)
(1)
108
109
DSP High-Pass Filter
Cutoff frequency
Filter Order
fC(HPF)
OHPF
0.095
0.1
1
0.105
Hz
1
(1)
(1)
110
111
Power-On Recovery Time
POR negated to CS low
Power applied to XOUT, YOUT valid
tOP
tXY
840
10
μs
ms
(1)
(2)
112 Internal Oscillator Frequency
fOSC
3.8
4.0
4.2
MHz
(3)
113 Clock Monitor Threshold
fMON
3.6
4.4
MHz
(1)
114 Chip Select to Internal Reset (See Figure 2-3)
tCSRES
486
512
538
μs
(1)
115
116
117
118
119
120
121
Serial Interface Timing (See Figure 2-4)
Clock period
CS asserted to SCLK high
Data setup time
Data hold time
SCLK low to data out
SCLK high to CS negated
CS negated to CS asserted
tSCLK
tCSCLK
tDC
tCDIN
tCDOUT
tCHCSH
tCSN
120
60
20
10
60
526
50
ns
ns
ns
ns
ns
ns
ns
(1)
(1)
(1)
(1)
(1)
(1)
(1)
122
DAC Low-Pass Filter
Cutoff Frequency
fC
5
10
20
kHz
(4)
123 Sensing Element Rolloff Frequency (-3 dB)
BWGCELL
3
kHz
(2)


Similar Part No. - MMA6255EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6255EGR2 FREESCALE-MMA6255EGR2 Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results

Similar Description - MMA6255EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com