Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15038 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15038
Description  4A, 2MHz Step-Down Regulator with Integrated Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15038 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15038 Datasheet HTML 7Page - Maxim Integrated Products MAX15038 Datasheet HTML 8Page - Maxim Integrated Products MAX15038 Datasheet HTML 9Page - Maxim Integrated Products MAX15038 Datasheet HTML 10Page - Maxim Integrated Products MAX15038 Datasheet HTML 11Page - Maxim Integrated Products MAX15038 Datasheet HTML 12Page - Maxim Integrated Products MAX15038 Datasheet HTML 13Page - Maxim Integrated Products MAX15038 Datasheet HTML 14Page - Maxim Integrated Products MAX15038 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
C10
0.1
µF
C6
22
µF
OUTPUT
1.8V, 4A
INPUT
2.9V TO 5.5V
C7
0.1
µF
C5
2.2
µF
BST
LX
OUT
IN
VDD
CTL2
CTL1
PGND
FB
C1
33pF
C2
1500pF
VDD
R1
20k
R2
2.67k
COMP
L1
0.47
µH
C3
560pF
C4
0.022
µF
R4
49.9k
C8
22
µF
C9
0.01
µF
R3
158
PWRGD
EN
FREQ
REFIN
SS
GND
MODE
MAX15038
2.2
C15
1000pF
OPTIONAL
Figure 1. 1MHz, All-Ceramic-Capacitor Design with VIN = 2.9V to 5.5V and VOUT = 1.8V
Detailed Description
The MAX15038 high-efficiency, voltage-mode switching
regulator delivers up to 4A of output current. The
MAX15038 provides output voltages from 0.6V to 0.9 x
VIN from 2.9V to 5.5V input supplies, making it ideal for
on-board point-of-load applications. The output voltage
accuracy is better than ±1% over load, line, and tem-
perature.
The MAX15038 features a wide switching frequency
range, allowing the user to achieve all-ceramic-capaci-
tor designs and fast transient responses (see Figure 1).
The high operating frequency minimizes the size of
external components. The MAX15038 is available in a
small (4mm x 4mm), lead-free, 24-pin thin QFN pack-
age. The REFIN function makes the MAX15038 an ideal
candidate for DDR and tracking power supplies. Using
internal low-RDS(ON) (24mΩ for the low-side n-channel
MOSFET and 31m
Ω for the high-side n-channel
MOSFET) maintains high efficiency at both heavy-load
and high-switching frequencies.
The MAX15038 employs voltage-mode control architec-
ture with a high bandwidth (28MHz) error amplifier. The
voltage-mode control architecture allows up to 2MHz
switching frequency, reducing board area. The op-amp
voltage-error amplifier works with type III compensation
to fully utilize the bandwidth of the high-frequency
switching to obtain fast transient response. Adjustable
soft-start time provides flexibilities to minimize input
startup inrush current. An open-drain, power-good
(PWRGD) output goes high when VFB reaches 92.5% of
VREFIN and VREFIN is greater than 0.54V.
The MAX15038 provides option for three modes of oper-
ation: regular PWM, PWM mode with monotonic startup
into prebiased output, or skip mode with monotonic
startup into prebiased output.
Typical Application Circuit
4A, 2MHz Step-Down Regulator
with Integrated Switches
______________________________________________________________________________________
11


Similar Part No. - MAX15038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038 Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038 MAXIM-MAX15038 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results

Similar Description - MAX15038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com