Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16053AUT+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16053AUT+T
Description  High-Voltage, Adjustable Sequencing/Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16053AUT+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16053AUT+T Datasheet HTML 1Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 2Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX16053AUT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Voltage, Adjustable
Sequencing/Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.25V to 16V, VEN = VCC, TA = TJ = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA =
+25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC .........................................................................-0.3V to +30V
OUT (push-pull, MAX16053) ......................-0.3V to (VCC + 0.3V)
OUT (open-drain, MAX16052)................................-0.3V to +30V
EN, IN .........................................................-0.3V to (VCC + 0.3V)
CDELAY....................................................................-0.3V to +6V
Input/Output Current (all pins)..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C)..........695.7mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Operating Voltage Range
VCC
2.25
16
V
Undervoltage Lockout
UVLO
VCC falling (Note 2)
1.8
2
V
VCC = 3.3V
18
37
MAX16052, no load
VCC = 12V
23
45
VCC = 3.3V
22
47
VCC Supply Current
ICC
MAX16053, no load
VCC = 12V
29
57
µA
IN
Threshold Voltage
VTH
VIN rising, 2.25V
≤ VCC ≤ 16V
0.491
0.500
0.509
V
Hysteresis
VHYST
VIN falling
5
mV
Input Current
IIN
VIN = 0 or 16V
-40
+5
+60
nA
CDELAY
CDELAY Charge Current
ICD
VCDELAY = 0V
200
250
300
nA
CDELAY Threshold
VTCD
VCDELAY rising
0.95
1.00
1.05
V
VCC
≥ 2.25V, ISINK = 200µA
15
60
CDELAY Pulldown Resistance
RCDELAY
VCC
≥ 3.3V, ISINK = 1mA
15
60
Ω
EN
EN Low Voltage
VIL
0.5
V
EN High Voltage
VIH
1.4
V
EN Leakage Current
ILEAK
VEN = 0V or VCC
-55
+15
+55
nA
OUT
VCC
≥ 1.2V, ISINK = 90µA
0.2
VCC
≥ 2.25V, ISINK = 0.5mA
0.3
OUT Low Voltage
(Open-Drain or Push-Pull)
VOL
VCC > 4.5V, ISINK = 1mA
0.4
V
VCC
≥ 2.25V, ISOURCE = 500µA
0.8 x VCC
OUT High Voltage
(Push-Pull, MAX16053)
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
0.9 x VCC
V
OUT Leakage Current
(Open-Drain, MAX16052)
ILKG
Output not asserted low, VOUT = 28V
150
nA


Similar Part No. - MAX16053AUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16053AUT+T MAXIM-MAX16053AUT+T Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
More results

Similar Description - MAX16053AUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com