Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17000AETG+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17000AETG+
Description  Complete DDR2 and DDR3 Memory Power-Management Solution
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17000AETG+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17000AETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX17000AETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Complete DDR2 and DDR3 Memory
Power-Management Solution
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VCC = VDD = VSHDN = VREFIN = 5V, VCSL = 1.8V, STDBY = SKIP = AGND, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
Valley Current-Limit Threshold
VLIMIT
VCSH - VCSL
17
20
25
mV
Current-Limit Threshold
(Negative)
VNEG
VCSH - VCSL,
SKIP = VCC
-23
mV
Current-Limit Threshold
(Zero Crossing)
VZX
VCSH - VCSL
1
mV
SMPS GATE DRIVERS
DH Gate-Driver On-Resistance
RDH
BST - LX forced to 5V
1.5
5.0
DL high
1.5
5.0
DL Gate-Driver On-Resistance
RDL
DL low
0.6
3.0
DH Gate-Driver Source/
Sink Current
IDH
DH forced to 2.5V, BST - LX forced to 5V
1
A
IDL(SRC)
DL forced to 2.5V
1
DL Gate-Driver Source/
Sink Current
IDL(SNK)
DL forced to 2.5V
3
A
DL rising, TA = +25°C
10
25
Dead Time
tDEAD
DL falling, TA = +25°C
15
35
ns
Internal BST Switch
On-Resistance
RBST
IBST = 10mA,
VDD = 5V internal design target
4.5
LX, BST Leakage Current
VBST = VLX = 26V,
SHDN = AGND,
TA = +25°C
0.001
20
μA
INPUTS AND OUTPUTS
Logic-Input Threshold
SHDN, STDBY, SKIP, OVP, rising edge
hysteresis = 300mV/600mV (min/max)
1.30
1.65
2.00
V
Logic-Input Current
SHDN, STDBY, SKIP = 0 or VCC,
TA = +25°C
-1
+1
μA
Input Leakage Current
CSH = 0 or VCC, TA = +25°C
-1
+1
μA
Input Bias Current
CSL = 0 or VCC
55
100
μA


Similar Part No. - MAX17000AETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000AETG++ MAXIM-MAX17000AETG+ Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000AETG++ MAXIM-MAX17000AETG+ Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
More results

Similar Description - MAX17000AETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
uPI Group Inc.
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Converter
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
   Complete DDR3/ DDR4 Memory Power Solution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com