Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17005AETP+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17005AETP+
Description  1.2MHz, Low-Cost, High-Performance Chargers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005AETP+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17005AETP+ Datasheet HTML 1Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 2Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX17005AETP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 19V, VBATT = VCSIP = VCSIN = 16.8V, VVCTL = VAA, VISET = 1V, TA = -40°C to +85°C,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-CURRENT REGULATION
ISET Range
0
VAA/2
V
57.5
62.5
mV
VISET = VAA/4 or
ISET = 99.9% duty cycle
-4.2
+4.2
%
38
42
mV
Full Charge-Current Accuracy
(CSIP to CSIN)
VISET = VAA/6 or
ISET = 66.7% duty cycle
-5
+5
%
1.4
4.6
mV
Trickle Charge-Current Accuracy
VBATT = 1V to 16.8V
VISET = VAA/80 or
ISET = 5% duty cycle
-52
+52
%
Charge-Current Gain Error
Based on VISET = VVAA/4 and VISET = VVAA/80
-2
+2
%
Charge-Current Offset Error
Based on VISET = VVAA/4 and VISET = VVAA/80
-1.4
+1.4
mV
BATT/CSIP/CSIN Input-Voltage Range
0
24
V
ISET falling
21
31
ISET Power-Down Mode Threshold
ISET rising
33
47
mV
Rising
2.4
ISET PWM Threshold
Falling
0.8
V
ISET Frequency
0.128
500
kHz
INPUT-CURRENT REGULATION
58.2
61.8
mV
Input Current-Limit Threshold
VCSSP - VCSSN
-3
+3
%
CSSN Input Bias Current
Adapter present
-2
+2
μA
CSSP/CSSN Input-Voltage Range
8.0
26.0
V
IINP Transconductance
VCSSP - VCSSN = 60mV
2.66
2.94
μA/mV
VCSSP - VCSSN = 60mV, VIINP = 0 to 4.5V
-2.5
+2.5
IINP Accuracy
VCSSP - VCSSN = 35mV
-2.5
+2.5
%
SUPPLY AND LINEAR REGULATOR
DCIN Input-Voltage Range
8
26
V
DCIN falling
7.9
DCIN UVLO Trip-Point
DCIN rising
8.9
V
Adapter present (Note 2)
6
mA
DCIN + CSSP + CSSN Quiescent Current
Adapter absent (Note 2)
50
μA
Adapter absent (Note 2)
20
VBATT = 16.8V
Charger shutdown (Note 2)
20
BATT + CSIP + CSIN + LX Input Current
VBATT = 2V to 19V, adapter present (Note 2)
500
μA
LDO Output Voltage
8.0V < VDCIN < 26V, no load
5.15
5.55
V
LDO Load Regulation
0 < ILDO < 40mA
200
mV
LDO UVLO Threshold
3.2
5.0
V


Similar Part No. - MAX17005AETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17005 MAXIM-MAX17005 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17005BETP++ MAXIM-MAX17005BETP+ Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17005ETP MAXIM-MAX17005ETP Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
More results

Similar Description - MAX17005AETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17005 MAXIM-MAX17005 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17435 MAXIM-MAX17435 Datasheet
2Mb / 28P
   High-Frequency, Low-Cost SMBus Chargers
2010
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com