Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS951I Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS951I
Description  INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS951I Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS951I Datasheet HTML 2Page - STMicroelectronics TS951I Datasheet HTML 3Page - STMicroelectronics TS951I Datasheet HTML 4Page - STMicroelectronics TS951I Datasheet HTML 5Page - STMicroelectronics TS951I Datasheet HTML 6Page - STMicroelectronics TS951I Datasheet HTML 7Page - STMicroelectronics TS951I Datasheet HTML 8Page - STMicroelectronics TS951I Datasheet HTML 9Page - STMicroelectronics TS951I Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
0,001
0,010
0,100
1,000
V out (V rms)
Vcc=+-1.5V
f= 1kHz
G=-1
Rl=600ohms
THD + NOISE VERSUS Vout
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
0,001
0,010
0,100
1,000
Vout (Vrms)
Vcc=+-1.5
f=1kHz
G=- 1
Rl=2k
THD + NOISE VERSUS Vout
10
100
1000
10000
100000
0
0,02
0,04
0,06
0,08
0,1
Frequency (Hz)
Vcc=+-1.5 V
Rl=600ohms
Vo= 2Vpp
THD + NOISE VERSUS FREQUENCY
EQUIVALENT INPUT NOISE VOLTAGE
VERSUS FREQUENCY
TS951-TS952-TS954
6/13


Similar Part No. - TS951I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951ID STMICROELECTRONICS-TS951ID Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951IDT STMICROELECTRONICS-TS951IDT Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951ILT STMICROELECTRONICS-TS951ILT Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951ILT STMICROELECTRONICS-TS951ILT Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951IN STMICROELECTRONICS-TS951IN Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
More results

Similar Description - TS951I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com