Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19505ETM+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX19505ETM+
Description  Dual-Channel, 8-Bit, 65Msps ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19505ETM+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX19505ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 11Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 12Page - Maxim Integrated Products MAX19505ETM+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.65
1.70
1.75
1.80
1.85
1.90
1.95
40
41
42
43
44
45
46
47
48
49
50
PERFORMANCE
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-60
-50
-40
-30
-20
-10
0
50
55
60
65
70
75
80
85
45
SFDR2
SFDR1
-THD
SINAD
SNR
SINGLE-ENDED PERFORMANCE
vs. INPUT FREQUENCY
50
55
60
65
70
75
80
85
45
INPUT FREQUENCY (MHz)
0
204060
SFDR2
SFDR1
-THD
SINAD
SNR
Typical Operating Characteristics (continued)
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 65MHz, AIN = -0.5dBFS, data output termination
= 50
Ω, TA = +25°C, unless otherwise noted.)
Dual-Channel, 8-Bit, 65Msps ADC
_______________________________________________________________________________________
9
PERFORMANCE
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (Msps)
20
30
40
50
60
70
50
55
60
65
70
75
80
85
45
SFDR1
SFDR2
-THD
SINAD
SNR
PERFORMANCE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
0.35
0.55
0.75
0.95
1.15
1.35
50
55
60
65
70
75
80
85
45
SFDR1
-THD
SFDR2
SINAD
SNR
PERFORMANCE
vs. ANALOG SUPPLY VOLTAGE
ANALOG SUPPLY VOLTAGE (V)
1.65
1.75
1.70
1.85
1.90
1.80
1.95
50
55
60
65
70
75
80
85
45
SFDR1
SFDR2
-THD
SINAD
SNR
PERFORMANCE
vs. ANALOG SUPPLY VOLTAGE
ANALOG SUPPLY VOLTAGE (V)
2.3
2.7
2.9
3.1
2.5
3.3
3.5
50
55
60
65
70
75
80
85
45
SFDR2
SFDR1
SINAD
-THD
SNR
ANALOG SUPPLY CURRENT
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
20 25 30 35 40 45 50 55 60 65 70
30
32
34
36
38
40
42
44
46
48
50
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20406080
40
41
42
43
44
45
46
47
48
49
50


Similar Part No. - MAX19505ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results

Similar Description - MAX19505ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX19515 MAXIM-MAX19515_11 Datasheet
552Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 3; 1/11
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com