Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19517 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX19517
Description  Dual-Channel, 10-Bit, 130Msps ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19517 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX19517 Datasheet HTML 2Page - Maxim Integrated Products MAX19517 Datasheet HTML 3Page - Maxim Integrated Products MAX19517 Datasheet HTML 4Page - Maxim Integrated Products MAX19517 Datasheet HTML 5Page - Maxim Integrated Products MAX19517 Datasheet HTML 6Page - Maxim Integrated Products MAX19517 Datasheet HTML 7Page - Maxim Integrated Products MAX19517 Datasheet HTML 8Page - Maxim Integrated Products MAX19517 Datasheet HTML 9Page - Maxim Integrated Products MAX19517 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Dual-Channel, 10-Bit, 130Msps ADC
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 130MHz, AIN = -0.5dBFS, data output termina-
tion = 50
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-MANAGEMENT CHARACTERISTICS
Wake-Up Time from Shutdown
tWAKE
Internal reference, CREFIO = 0.1µF (10
τ)5
ms
Wake-Up Time from Standby
tWAKE
Internal reference
15
µs
SERIAL-PORT INTERFACE TIMING (Note 2) (Figure 7)
SCLK Period
tSCLK
50
ns
SCLK to
CS Setup Time
tCSS
10
ns
SCLK to
CS Hold Time
tCSH
10
ns
SDIN to SCLK Setup Time
tSDS
Serial-data write
10
ns
SDIN to SCLK Hold Time
tSDH
Serial-data write
0
ns
SCLK to SDIN Output Data Delay
tSDD
Serial-data read
10
ns
TIMING CHARACTERISTICS—DUAL BUS PARALLEL MODE (Figure 9), (Default Timing see Table 5)
Clock Pulse-Width High
tCH
3.85
ns
Clock Pulse-Width Low
tCL
3.85
ns
Clock Duty Cycle
tCH/tCLK
30 to 70
%
CL = 10pF, VOVDD = 1.8V (Note 2)
9.7
12.2
14.7
Data Delay After Rising Edge of
CLK+
tDD
CL = 10pF, VOVDD = 3.3V
11.0
ns
Data to DCLK Setup Time
tSETUP
CL = 10pF, VOVDD = 1.8V (Note 2)
5.9
6.7
ns
Data to DCLK Hold Time
tHOLD
CL = 10pF, VOVDD = 1.8V (Note 2)
0.5
0.9
ns
TIMING CHARACTERISTICS—MULTIPLEXED BUS PARALLEL MODE (Figure 10), (Default Timing see Table 5)
Clock Pulse-Width High
tCH
3.85
ns
Clock Pulse-Width Low
tCL
3.85
ns
Clock Duty Cycle
tCH/tCLK
30 to 70
%
CL = 10pF, VOVDD = 1.8V (Note 2)
6.0
8.3
11.0
Data Delay After Rising Edge of
CLK+
tDD
CL = 10pF, VOVDD = 3.3V
7.6
ns
Data to DCLK Setup Time
tSETUP
CL = 10pF, VOVDD = 1.8V (Note 2)
0.7
2.4
ns
Data to DCLK Hold Time
tHOLD
CL = 10pF, VOVDD = 1.8V (Note 2)
0.4
1.5
ns
DCLK Duty Cycle
tDCH/tCLK
CL = 10pF, VOVDD = 1.8V (Note 2)
30
50
63
%
MUX Data Duty Cycle
tCHA/tCLK
CL = 10pF, VOVDD = 1.8V (Note 2)
38
50
75
%
TIMING CHARACTERISTICS—SYNCHRONIZATION (Figure 12)
Setup Time for Valid Clock Edge
tSUV
Edge mode (Note 2)
0.7
ns
Hold-Off Time for Invalid Clock
Edge
tHO
Edge mode (Note 2)
0.5
ns
Minimum Synchronization Pulse
Width
Relative to input clock period
2
Cycles


Similar Part No. - MAX19517

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
MAX19517EVKIT++ MAXIM-MAX19517EVKIT+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
More results

Similar Description - MAX19517

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com