Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19517ETM+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX19517ETM+
Description  Dual-Channel, 10-Bit, 130Msps ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19517ETM+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX19517ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Dual-Channel, 10-Bit, 130Msps ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 130MHz, AIN = -0.5dBFS, data output termina-
tion = 50
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
OVDD, AVDD to GND............................................-0.3V to +3.6V
CMA, CMB, REFIO, INA+, INA-, INB+,
INB- to GND ......................................................-0.3V to +2.1V
CLK+, CLK-, SYNC,
SPEN, CS, SCLK, SDIN
to GND ..........-0.3V to the lower of (VAVDD + 0.3V) and +3.6V
DCLKA, DCLKB, D9A–D0A, D9B–D0B, DORA, DORB
to GND ..........-0.3V to the lower of (VOVDD + 0.3V) and +3.6V
Continuous Power Dissipation (TA = +70°C)
48-Pin Thin QFN, 7mm x 7mm x 0.8mm (derate 40mW/°C
above +70°C).............................................................3200mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
INL
fIN = 3MHz
-0.8
±0.25
+0.8
LSB
Differential Nonlinearity
DNL
fIN = 3MHz
-0.7
±0.2
+0.7
LSB
Offset Error
OE
Internal reference
-0.4
±0.1
+0.4
%FS
Gain Error
GE
External reference = 1.25V
-1.5
±0.3
+1.5
%FS
ANALOG INPUTS (INA+, INA-, INB+, INB-) (Figure 3)
Differential Input-Voltage Range
VDIFF
Differential or single-ended inputs
1.5
VP-P
Common-Mode Input-Voltage
Range
VCM
(Note 2)
0.4
1.4
V
Fixed resistance
> 100
Input Resistance
RIN
Differential input resistance, common mode
connected to inputs
4
k
Input Current
IIN
Switched capacitance input current, each
input
74
µA
CPAR
Fixed capacitance to ground, each input
0.7
Input Capacitance
CSAMPLE
Switched capacitance, each input
1.2
pF
CONVERSION RATE
Maximum Clock Frequency
fCLK
130
MHz
Minimum Clock Frequency
fCLK
65
MHz
Data Latency
Figures 9, 10
9
Cycles


Similar Part No. - MAX19517ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
More results

Similar Description - MAX19517ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com