Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B991V Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7B991V
Description  Low Voltage Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7B991V Datasheet HTML 4Page - Cypress Semiconductor CY7B991V Datasheet HTML 5Page - Cypress Semiconductor CY7B991V Datasheet HTML 6Page - Cypress Semiconductor CY7B991V Datasheet HTML 7Page - Cypress Semiconductor CY7B991V Datasheet HTML 8Page - Cypress Semiconductor CY7B991V Datasheet HTML 9Page - Cypress Semiconductor CY7B991V Datasheet HTML 10Page - Cypress Semiconductor CY7B991V Datasheet HTML 11Page - Cypress Semiconductor CY7B991V Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *D
Page 8 of 13
Maximum Ratings
Operating outside these boundaries may affect the performance
and life of the device. These user guidelines are not tested.
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55°C to +125°C
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage ............................................–0.5V to +7.0V
Output Current into Outputs (LOW)............................. 64 mA
Static Discharge Voltage............................................ >2001V
(MIL-STD-883, Method 3015)
Latch up Current...................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 10%
Industrial
–40°C to +85°C
3.3V
± 10%
Electrical Characteristics
Over the Operating Range[5]
Parameter
Description
Test Conditions
CY7B991V
Unit
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –12 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 35 mA
0.45
V
VIH
Input HIGH Voltage
(REF and FB inputs only)
2.0
VCC
V
VIL
Input LOW Voltage
(REF and FB inputs only)
–0.5
0.8
V
VIHH
Three Level Input HIGH
Voltage (Test, FS, xFn)[6]
Min
≤ VCC ≤ Max.
0.87 * VCC
VCC
V
VIMM
Three Level Input MID
Voltage (Test, FS, xFn)[6]
Min
≤ VCC ≤ Max.
0.47 * VCC
0.53 * VCC
V
VILL
Three Level Input LOW
Voltage (Test, FS, xFn)[6]
Min
≤ VCC ≤ Max.
0.0
0.13 * VCC
V
IIH
Input HIGH Leakage Current (REF
and FB inputs only)
VCC = Max, VIN = Max.
20
μA
IIL
Input LOW Leakage Current (REF
and FB inputs only)
VCC = Max, VIN = 0.4V
–20
μA
IIHH
Input HIGH Current (Test, FS, xFn) VIN = VCC
200
μA
IIMM
Input MID Current (Test, FS, xFn) VIN = VCC/2
–50
50
μA
IILL
Input LOW Current (Test, FS, xFn) VIN = GND
–200
μA
IOS
Short Circuit Current[7]
VCC = MAx VOUT =GND (25° only)
–200
mA
ICCQ
Operating Current Used by Internal
Circuitry
VCCN = VCCQ = Max, All
Input Selects Open
Com’l
95
mA
Mil/Ind
100
ICCN
Output Buffer Current per Output
Pair[8]
VCCN = VCCQ = Max, IOUT = 0 mA
Input Selects Open, fMAX
19
mA
PD
Power Dissipation per Output
Pair[9]
VCCN = VCCQ = Max, IOUT = 0 mA
Input Selects Open, fMAX
104
mW
Notes
5. See the last page of this specification for Group A subgroup testing information.
6. These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold
unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs glitch and the PLL requires an additional tLOCK time before all
datasheet limits are achieved.
7. CY7B991V is tested one output at a time, output shorted for less than one second, less than 10% duty cycle. Room temperature only.
8. Total output current per output pair is approximated by the following expression that includes device current plus load current:
CY7B991V: ICCN = [(4 + 0.11F) + [((835 –3F)/Z) + (.0022FC)]N] x 1.1
Where
F = frequency in MHz
C = capacitive load in pF
Z = line impedance in ohms
N = number of loaded outputs; 0, 1, or 2
FC = F
< C
9. These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold
unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time
before all datasheet limits are achieved.
[+] Feedback


Similar Part No. - CY7B991V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JC CYPRESS-CY7B991V-2JC Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JCT CYPRESS-CY7B991V-2JCT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JXC CYPRESS-CY7B991V-2JXC Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JXCT CYPRESS-CY7B991V-2JXCT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com