Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B991V Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B991V
Description  Low Voltage Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7B991V Datasheet HTML 5Page - Cypress Semiconductor CY7B991V Datasheet HTML 6Page - Cypress Semiconductor CY7B991V Datasheet HTML 7Page - Cypress Semiconductor CY7B991V Datasheet HTML 8Page - Cypress Semiconductor CY7B991V Datasheet HTML 9Page - Cypress Semiconductor CY7B991V Datasheet HTML 10Page - Cypress Semiconductor CY7B991V Datasheet HTML 11Page - Cypress Semiconductor CY7B991V Datasheet HTML 12Page - Cypress Semiconductor CY7B991V Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *D
Page 9 of 13
Capacitance
Tested initially and after any design or process changes that may affect these parameters. [10]]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
10
pF
AC Test Loads and Waveforms
Figure 10. Test Loads and Waveforms
TTL AC Test Load
TTL Input Test Waveform
VCC
R1
R2
CL
3.0V
2.0V
Vth =1.5V
0.8V
0.0V
≤ 1 ns
≤ 1 ns
2.0V
0.8V
Vth =1.5V
R1=100
R2=100
CL =30 pF
(Includes fixture and probe capacitance)
Note
10. Applies to REF and FB inputs only. Tested initially and after any design or process changes that may affect these parameters.
Switching Characteristics
Over the Operating Range [2, 11]
Parameter
Description
CY7B991V–2
Unit
Min
Typ
Max
fNOM
Operating Clock
Frequency in MHz
FS = LOW[1, 2]
15
30
MHz
FS = MID[1, 2]
25
50
FS = HIGH[1, 2 , 3]
40
80
tRPWH
REF Pulse Width HIGH
5.0
ns
tRPWL
REF Pulse Width LOW
5.0
ns
tU
Programmable Skew Unit
See Table 2
tSKEWPR
Zero Output Matched-Pair Skew (XQ0, XQ1)[13, 14]
0.05
0.2
ns
tSKEW0
Zero Output Skew (All Outputs)[13, 15]
0.1
0.25
ns
tSKEW1
Output Skew (Rise-Rise, Fall-Fall, Same Class Outputs)[13, 17]
0.1
0.5
ns
tSKEW2
Output Skew (Rise-Fall, Nominal-Inverted, Divided-Divided)[13, 17]
0.5
1.0
ns
tSKEW3
Output Skew (Rise-Rise, Fall-Fall, Different Class Outputs)[13, 17]
0.25
0.5
ns
tSKEW4
Output Skew (Rise-Fall, Nominal-Divided, Divided-Inverted)[13, 17]
0.5
0.9
ns
tDEV
Device-to-Device Skew[12, 18]
1.25
ns
tPD
Propagation Delay, REF Rise to FB Rise
–0.25
0.0
+0.25
ns
tODCV
Output Duty Cycle Variation[19]
–0.65
0.0
+0.65
ns
tPWH
Output HIGH Time Deviation from 50%[20]
2.0
ns
tPWL
Output LOW Time Deviation from 50%[20]
1.5
ns
tORISE
Output Rise Time[20, 21]
0.15
1.0
1.2
ns
tOFALL
Output Fall Time[20, 21]
0.15
1.0
1.2
ns
tLOCK
PLL Lock Time[22]
0.5
ms
tJR
Cycle-to-Cycle Output
Jitter
RMS[12]
25
ps
Peak[12]
100
200
ps
[+] Feedback


Similar Part No. - CY7B991V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JC CYPRESS-CY7B991V-2JC Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JCT CYPRESS-CY7B991V-2JCT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JXC CYPRESS-CY7B991V-2JXC Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JXCT CYPRESS-CY7B991V-2JXCT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com