Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8610PX800G Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC8610PX800G
Description  Integrated Host Processor Hardware Specifications
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8610PX800G Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC8610PX800G Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 9Page - Freescale Semiconductor, Inc MC8610PX800G Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Pin Assignments and Reset States
Freescale Semiconductor
6
LGPL3/LFWP
L22
O
BVDD
20
LGTA/LFRB/LGPL4/
LUPWAIT/LPBSE
L23
I/O
BVDD
24
LGPL5
L24
O
BVDD
LCLK[0:2]
R25, M25, L26
O
BVDD
DIU/LCD Signals4
DIU_LD[23:16]/
GPIO1[15:8]
R3, R10, T10, N7, N4, P6, P5, P4
O
OVDD
5, 23
DIU_LD[15:0]/
GPIO1[31:16]
T3, R9, T9, R8, R7, R6, R4, T7, U5, T6, T5,
W4, W5, W6, V4, V6
OOVDD
5, 14, 20, 23
DIU_VSYNC
V7
O
OVDD
20
DIU_HSYNC
U7
O
OVDD
20
DIU_DE
U4
O
OVDD
20
DIU_CLK_OUT
N6
O
OVDD
Programmable Interrupt Controller (PIC) Signals4
IRQ[0:5]
L25, J23, K26, E23, K28, K22
I
OVDD
IRQ6/DMA1_DREQ0
G27
I
OVDD
22, 23
IRQ7/DMA1_DACK0
J25
I
OVDD
23
IRQ8/DMA1_DDONE0
J27
I
OVDD
23
IRQ9/DMA1_DREQ3
H26
I
OVDD
22, 23
IRQ10/DMA1_DACK3
J26
I
OVDD
23
IRQ11/DMA1_DDONE3
K27
I
OVDD
23
IRQ_OUT
K23
O
OVDD
21, 25
MCP
A24
I
OVDD
SMI
B24
I
OVDD
I2C Signals
IIC1_SDA/GPIO2[10]
D24
I/O
OVDD
21, 23, 25
IIC1_SCL/GPIO2[9]
E24
I/O
OVDD
21, 23, 25
IIC2_SDA/SPISEL/
GPIO2[12]
E27
I/O
OVDD
21, 23, 25
IIC2_SCL/SPICLK/
GPIO2[11]
E28
I/O
OVDD
21, 23, 25
DUART Signals4
UART_SIN0/SPIMOSI/
GPIO2[5]
K24
I
OVDD
23
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes


Similar Part No. - MC8610PX800G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8610PX800GZ FREESCALE-MC8610PX800GZ Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
More results

Similar Description - MC8610PX800G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com