Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9911 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7B9911
Description  Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7B9911_08 Datasheet HTML 1Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 2Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 3Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 4Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 5Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 6Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 7Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 8Page - Cypress Semiconductor CY7B9911_08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY7B9911
RoboClock+™
Document Number: 38-07209 Rev. *C
Page 4 of 13
Test Mode
The TEST input is a three level input. In normal system
operation, this pin is connected to ground, enabling the
CY7B9911 to operate as explained in the previous section (for
testing purposes). Any of the three level inputs can have a
removable jumper to ground or be tied LOW through a 100
Ω
resistor. This enables an external tester to change the state of
these pins.
If the TEST input is forced to its MID or HIGH state, the device
operates with its internal phase locked loop disconnected, and
input levels supplied to REF directly control all outputs. Relative
output to output functions are the same as in normal mode.
In contrast with normal operation (TEST tied LOW), all outputs
function based only on the connection of their own function
select inputs (xF0 and xF1) and the waveform characteristics of
the REF input.
Maximum Ratings
Operating outside these boundaries may affect the performance
and life of the device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55
°C to +125°C
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage ............................................–0.5V to +7.0V
Output Current into Outputs (LOW)............................. 64 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch Up Current ..................................................... >200 mA
Figure 1. Typical Outputs with FB Connected to a Zero-Skew Output[4]
FB Input
REF Input
– 6t U
– 4t U
– 3t U
– 2t U
– 1t U
0tU
+1t U
+2t U
+3t U
+4t U
+6t U
DIVIDED
INVERT
LM
LH
(N/A)
ML
(N/A)
MM
(N/A)
MH
(N/A)
HL
HM
LL/HH
HH
3Fx
4Fx
(N/A)
LL
LM
LH
ML
MM
MH
HL
HM
HH
(N/A)
(N/A)
(N/A)
1Fx
2Fx
Note
4. FB connected to an output selected for “zero” skew (i.e., xF1 = xF0 = MID).
[+] Feedback


Similar Part No. - CY7B9911_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com