Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8640DTHX1250N Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC8640DTHX1250N
Description  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8640DTHX1250N Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC8640DTHX1250N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 9Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 10Page - Freescale Semiconductor, Inc MC8640DTHX1250N Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
7
Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8640. Note that the values in Table 2
are the recommended and tested operating conditions. Proper device operation outside of these conditions
is not guaranteed. For details on order information and specific operating conditions for parts, see
Section 21, “Ordering Information.”
Storage temperature range
TSTG
-55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maxima is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Core 1 characteristics apply only to MPC8640D. If two separate power supplies are used for VDD_Core0 and VDD_Core1,
they must be kept within 100 mV of each other during normal run time.
3. The -0.3 to 2.75 V range is for DDR and -0.3 to 1.98 V range is for DDR2.
4. The 3.63V maximum is only supported when the port is configured in GMII, MII, RMII, or TBI modes; otherwise the 2.75V
maximum applies. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications” for details on
the recommended operating conditions per protocol.
5. During run time (M,L,T,O)VIN and Dn_MVREF may overshoot/undershoot to a voltage and for a maximum duration as
shown in Figure 2.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Cores supply voltages
VDD_Core0,
VDD_Core1
1.05 ± 50 mV
V
1, 2
0.95 ± 50 mV
1, 2, 10
Cores PLL supply
AVDD_Core0,
AVDD_Core1
1.05 ± 50 mV
V
11
0.95 ± 50 mV
10, 11
SerDes Transceiver Supply (Ports 1 and 2)
SVDD
1.05 ± 50 mV
V
9
SerDes Serial I/O Supply Port 1
XVDD_SRDS1
1.05 ± 50 mV
V
SerDes Serial I/O Supply Port 2
XVDD_SRDS2
1.05 ± 50 mV
V
SerDes DLL and PLL supply voltage for Port 1 and Port 2
AVDD_SRDS1,
AVDD_SRDS2
1.05 ± 50 mV
V
Platform Supply voltage
VDD_PLAT
1.05 ± 50 mV
V
Local Bus and Platform PLL supply voltage
AVDD_LB,
AVDD_PLAT
1.05 ± 50 mV
V
DDR and DDR2 SDRAM I/O supply voltages
D1_GVDD,
D2_GVDD
2.5 V ± 125 mV
V
7
1.8 V ± 90 mV
7
eTSEC 1 and 2 I/O supply voltage
LVDD
3.3 V ± 165 mV
V
8
2.5 V ± 125 mV
V
8
Table 1. Absolute Maximum Ratings1 (continued)
Characteristic
Symbol
Absolute Maximum
Value
Unit
Notes


Similar Part No. - MC8640DTHX1250N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8640DTHX1250N FREESCALE-MC8640DTHX1250N Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
More results

Similar Description - MC8640DTHX1250N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com