Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8640DTVU1250N Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC8640DTVU1250N
Description  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8640DTVU1250N Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC8640DTVU1250N Datasheet HTML 1Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8640DTVU1250N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
5
Electrical Characteristics
— Support for PCI-Express message-shared interrupts (MSIs)
Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 125 MHz
— Eight chip selects support eight external slaves
Integrated DMA controller
— Four-channel controller
— All channels accessible by both the local and the remote masters
— Supports transfers to or from any local memory or I/O port
— Ability to start and flow control each DMA channel from external 3-pin interface
Device performance monitor
— Supports eight 32-bit counters that count the occurrence of selected events
— Ability to count up to 512 counter-specific events
— Supports 64 reference events that can be counted on any of the 8 counters
— Supports duration and quantity threshold counting
— Burstiness feature that permits counting of burst events with a programmable time between
bursts
— Triggering and chaining capability
— Ability to generate an interrupt on overflow
Dual I2C controllers
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
Boot sequencer
— Optionally loads configuration data from serial ROM at reset via the I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
DUART
— Two 4-wire interfaces (SIN, SOUT, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
IEEE 1149.1-compliant, JTAG boundary scan
Available as 1023 pin Hi-CTE flip chip ceramic ball grid array (FC-CBGA)
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8640. The MPC8640 is currently targeted to these specifications.


Similar Part No. - MC8640DTVU1250N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8640DTVU1250N FREESCALE-MC8640DTVU1250N Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
More results

Similar Description - MC8640DTVU1250N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com