Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8640DVU1067N Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC8640DVU1067N
Description  Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8640DVU1067N Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC8640DVU1067N Datasheet HTML 1Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8640DVU1067N Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC
Series, Rev. 0
4
Freescale Semiconductor
Ordering Information
21 Ordering Information
21.1 Part Numbers Addressed by This Specification
Table 73 provides the ordering information for the MPC8640 parts described in this document.
Document Revision History
Table B provides a revision history for this hardware specification addendum.
Table 73. Part Numbering Nomenclature
uu
nnnn
D
w
xx
yyyy
a
z
Product
Code
Part
Identifier
Core
Count
Temp
Package 1
Core
Processor
Frequency 2
(MHz)
DDR speed
(MHz)
Product Revision Level
MC5
8640
Blank =
Single Core
T:
–40
°C to
105
°C
HX = High-lead
HCTE FC-CBGA
VU = RoHS lead-f
ree HCTE
FC-CBGA
1000, 1067,
1250
N = 533 MHz4
H = 500 MHz
Revision C = 2.1
System Version Register
Value for Rev C:
0x8090_0021 - MPC8640
0x8090_0121 - MPC8640D
D =
Dual Core
Notes:
1. See Section 16, “Package,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core
frequencies.
3. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These parts
have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact
that product changes may still occur while shipping pilot production prototypes.
4. Part Number MC8640xxx1067NC is our low VDD_Coren device. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.
5. MC - Qualified production
Table B. Document Revision History
Rev.
Number
Date
Substantive Change(s)
0
12/2008
Initial release.


Similar Part No. - MC8640DVU1067N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8640DVU1067N FREESCALE-MC8640DVU1067N Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
More results

Similar Description - MC8640DVU1067N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8641 FREESCALE-MPC8641 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com