Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8640THX1067H Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC8640THX1067H
Description  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8640THX1067H Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC8640THX1067H Datasheet HTML 1Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8640THX1067H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
4
Freescale Semiconductor
Overview
DDR memory controllers
— Dual 64-bit memory controllers (72-bit with ECC)
— Support of up to a 266 MHz clock rate and a 533 MHz DDR2 SDRAM
— Support for DDR, DDR2 SDRAM
— Up to 16 Gbytes per memory controller
— Cache line and page interleaving between memory controllers.
Serial RapidIO interface unit
— Supports RapidIO Interconnect Specification, Revision 1.2
— Both 1x and 4x LP-Serial link interfaces
— Transmission rates of 1.25-, 2.5-, and 3.125-Gbaud (data rates of 1.0-, 2.0-, and 2.5-Gbps) per
lane
— RapidIO–compliant message unit
— RapidIO atomic transactions to the memory controller
PCI Express interface
— PCI Express 1.0a compatible
— Supports x1, x2, x4, and x8 link widths
— 2.5 Gbaud, 2.0 Gbps lane
Four enhanced three-speed Ethernet controllers (eTSECs)
— Three-speed support (10/100/1000 Mbps)
— Four IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.3ac, 802.3ab compliant controllers
— Support of the following physical interfaces: MII, RMII, GMII, RGMII, TBI, and RTBI
— Support a full-duplex FIFO mode for high-efficiency ASIC connectivity
— TCP/IP off-load
— Header parsing
— Quality of service support
— VLAN insertion and deletion
— MAC address recognition
— Buffer descriptors are backward compatible with PowerQUICC II and PowerQUICC III
programming models
— RMON statistics support
— MII management interface for control and status
Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts and 48 internal interrupts
— Eight global high resolution timers/counters that can generate interrupts
— Allows processors to interrupt each other with 32b messages


Similar Part No. - MC8640THX1067H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8640THX1067H FREESCALE-MC8640THX1067H Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
More results

Similar Description - MC8640THX1067H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com