Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XOPL53025UI Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # XOPL53025UI
Description  FACTORY PROGRAMMED OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

XOPL53025UI Datasheet(HTML) 1 Page - EUROQUARTZ limited

  XOPL53025UI Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
FACTORY PROGRAMMED OSCILLATORS
Package Type:
SMD, ceramic, seam-welded lid
Frequency Range
5.0 Volt Supply:
1.0MHz to 160.0MHz
3.3 Volt Supply:
1.0MHz to 160.0MHz
2.7 Volt Supply:
1.0MHz to 160.0MHz
Frequency Stability*:
±25ppm to ±100ppm
(over operating temperature range)
Operating Temperature Range
Choice of three ranges:
0° ~ +70°C
Part code: ‘C’
-20° ~ +70°C
Part code: ‘D’
-40° ~ +85°C
Part code: ‘I’
Storage Temperature Range:
-55° to +125°C
Ageing:
±5ppm/year maximum
(Ta=25°C, Vdd=2.7V, 3.3V or 5.0V)
Packaging:
Bulk pack or tubed
Output Levels:
TTL or CMOS
Maximum Output Loads
<40MHz:
30pF (See note opposite)
>40MHz:
15pF (See note opposite)
Duty Cycle
CMOS <40MHz:
45/55% maximum
CMOS >40MHz:
40/60% maximum
Output Clock Rise/Fall Times:
4ns maximum
Power Supply Current:
25mA (unloaded)
Standby Current:
10mA typical 50mA maximum
Start-up Time:
10ms maximum (from power-on)
Power Down Delay Time
Synchronous:
T/2ns typical, T+10ns maximum
Asynchronous:
10ns typical, 15ns maximum
Output Disable Time
Synchronous:
T/2ns typical, T+10ns maximum
Asynchronous:
10ns typical, 15ns maximum
(T = frequency period)
Output Enable Time:
100ns maximum
Period Jitter S, 1MHz~133MHz: 8ps typical, 99ps maximum
Period Jitter Peak to Peak
<33.0MHz:
65ps typical, 99ps maximum
33MHz~133MHz:
65ps typical, 80ps maximum
·
Very quick delivery available
·
Micro-miniature 5mm x 3.2mm SMD package
·
Frequency range 1MHz to 160MHz
·
Ultra low jitter @ 1 million samples
·
Supply Voltages 2.7 Volts, 3.3 Volts or 5.0 Volts
·
Enable/Disable or Power Down options
XOPL53 SERIES
Low Jitter 5mm x 3.5mm SMD
Programmable Oscillators
OPERATING LOAD CONDITIONS
Maximum Capacitive Load TTL
5.0 Volt Supply
1.0MHz ~ 40MHz:
50pF
40.1MHz ~ 133MHz:
25pF
Maximum Capacitive Load CMOS
5.0 Volt Supply
1.0MHz ~ 66MHz:
50pF
66.1MHz ~ 133MHz:
25pF
3.3 Volt/2.7 Volt Supply
1.0MHz ~ 40MHz:
30pF
40.1MHz ~ 100MHz:
15pF
FEATURES
GENERAL SPECIFICATION
DESCRIPTION
The Euroquartz range of factory programmable oscillators provide custom
frequency and specification oscillators within very short lead times. The
parts are very reliable in use and have stabilities from ±25ppm over -40°
to 85°C. In addition to the stability over operating temperature range
customers may also choose from supply voltages of 2.7, 3.3 and 5.0
Volts, Enable/Disable or Power Down functions and output synchronous
or asynchronous .
OUTLINE & DIMENSIONS
PRODUCT SELECTION
* The frequency stability parameter is an inclusive figure and includes
adjustment tolerance at 25°C, stability over operating temperature
range, variations due to load change ±10%, supply voltage change
±10%, first year ageing, shock and vibration.
XOPL53100UC
±100
0°~+70°
XOPL53050UC
±50
0°~+70°
XOPL53025UC
±25
0°~+70°
XOPL53100UD
±100
-20°~+70°
XOPL53050UD
±50
-20°~+70°
XOPL53025UD
±25
-20°~+70°
XOPL53100UI
±100
-40°~+85°
XOPL53050UI
±50
-40°~+85°
XOPL53025UI
±25
-40°~+85°
Model Number
Frequency
Stability
(ppm)
Operating
Temperature
Range
PART NUMBER GENERATION
Frequency
Model No.
Supply
Voltage
Output
Option
Nominal
Frequency
(MHz)
See table
above
Blank =
A =
B =
T = Tristate
(Enable/Disable)
P = Power Down
5.0 Volts
3.3 Volts
2.7 Volts
EXAMPLE:
24.8920MHz XOPL53050UDTA
Frequency = 24.8920MHz, XOPL53 package, ±50ppm -20°~+70°C,
Tristate, supply voltage 3.3 Volts
SYNCHRONOUS/ASYNCHRONOUS
By default oscillators with Enable/Disable or Power Down functions are
supplied ASYNCHRONOUS. If SYNCHRONOUS operation is required
append ‘SYNC’ to the part number


Similar Part No. - XOPL53025UI

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOPL2000 EUROQUARTZ-XOPL2000 Datasheet
103Kb / 1P
   Low Jitter 8 pin Dual-in Line
XOPL71 EUROQUARTZ-XOPL71 Datasheet
284Kb / 1P
   11.4 x 9.6mm Programmable LVPECL Oscillator
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
   7 x 5mm Programmable LVPECL Oscillator
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL81025UD EUROQUARTZ-XOPL81025UD Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
More results

Similar Description - XOPL53025UI

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
ATMEL Corporation
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
logo
Maxim Integrated Produc...
MAX6665 MAXIM-MAX6665 Datasheet
130Kb / 6P
   Fan Controller/Driver with Factory- Programmed Temperature Thresholds
Rev 0; 5/01
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646_14 Datasheet
11Mb / 456P
   USB boot loader programmed by default in the factory
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com