Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8641VU1333J Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC8641VU1333J
Description  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8641VU1333J Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC8641VU1333J Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 9Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 10Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 11Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 12Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 13Page - Freescale Semiconductor, Inc MC8641VU1333J Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
10
Freescale Semiconductor
Electrical Characteristics
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
DDR1 signal
18
36 (half strength mode)
D
n_GVDD = 2.5 V
4, 9
DDR2 signal
18
36 (half strength mode)
D
n_GVDD = 1.8 V
1, 5, 9
Local Bus signals
45
25
OVDD = 3.3 V
2, 6
eTSEC/10/100 signals
45
T/LVDD = 3.3 V
6
30
T/LVDD = 2.5 V
6
DUART, DMA, Multiprocessor Interrupts, System
Control & Clocking, Debug, Test, Power management,
JTAG and Miscellaneous I/O voltage
45
OVDD = 3.3 V
6
I2C
150
OVDD = 3.3 V
7
SRIO, PCI Express
100
SVDD = 1.1/1.05 V
3, 8
Notes:
1. See the DDR Control Driver registers in the MPC8641D reference manual for more information.
2. Only the following local bus signals have programmable drive strengths: LALE, LAD[0:31], LDP[0:3], LA[27:31], LCKE,
LCS[1:2], LWE[0:3], LGPL1, LGPL2, LGPL3, LGPL4, LGPL5, LCLK[0:2]. The other local bus signals have a fixed drive
strength of 45 ohms. See the POR Impedance Control register in the MPC8641D reference manual for more information
about local bus signals and their drive strength programmability.
3. See Section 17, “Signal Listings” for details on resistor requirements for the calibration of SD
n_IMP_CAL_TX and
SD
n_IMP_CAL_RX transmit and receive signals.
4. Stub Series Terminated Logic (SSTL-25) type pins.
5. Stub Series Terminated Logic (SSTL-18) type pins.
6. Low Voltage Transistor-Transistor Logic (LVTTL) type pins.
7. Open Drain type pins.
8. Low Voltage Differential Signaling (LVDS) type pins.
9. The drive strength of the DDR interface in half strength mode is at Tj = 105C and at Dn_GVDD (min).


Similar Part No. - MC8641VU1333J

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8641DTHX1000G FREESCALE-MC8641DTHX1000G Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000GC FREESCALE-MC8641DTHX1000GC Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000H FREESCALE-MC8641DTHX1000H Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000J FREESCALE-MC8641DTHX1000J Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000N FREESCALE-MC8641DTHX1000N Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
More results

Similar Description - MC8641VU1333J

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com