Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313ZQGDF Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8313ZQGDF
Description  PowerQUICC??II Pro Processor Hardware Specifications
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ZQGDF Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8313ZQGDF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313ZQGDF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
MPC8313E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
5
Overview
Full- and half-duplex Ethernet support (1000 Mbps supports only full-duplex):
— IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or
software-programmed PAUSE frame generation and recognition)
— Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and
IEEE 802.1 virtual local area network (VLAN) tags and priority
— VLAN insertion and deletion
– Per-frame VLAN control word or default VLAN for each eTSEC
– Extracted VLAN control word passed to software separately
— Retransmission following a collision
— CRC generation and verification of inbound/outbound packets
— Programmable Ethernet preamble insertion and extraction of up to 7 bytes
MAC address recognition:
— Exact match on primary and virtual 48-bit unicast addresses
– VRRP and HSRP support for seamless router fail-over
— Up to 16 exact-match MAC addresses supported
— Broadcast address (accept/reject)
— Hash table match on up to 512 multicast addresses
— Promiscuous mode
Buffer descriptors backward compatible with MPC8260 and MPC860T 10/100 Ethernet
programming models
RMON statistics support
10-Kbyte internal transmit and 2-Kbyte receive FIFOs
MII management interface for control and status
1.8
Programmable Interrupt Controller (PIC)
The programmable interrupt controller (PIC) implements the necessary functions to provide a flexible
solution for general-purpose interrupt control. The PIC programming model supports 5 external and 34
internal discrete interrupt sources. Interrupts can also be redirected to an external interrupt controller.
1.9
Power Management Controller (PMC)
The MPC8313E power management controller includes the following features:
Provides power management when the device is used in both host and agent modes
Supports PCI power management 1.2 D0, D1, D2, D3hot, and D3cold states
On-chip split power supply controlled through external power switch for minimum standby power
Support for PME generation in PCI agent mode, PME detection in PCI host mode
Supports wake-up from Ethernet (Magic Packet), USB, GPIO, and PCI (PME input as host)


Similar Part No. - MPC8313ZQGDF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313CVRAFF FREESCALE-MPC8313CVRAFF Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 92P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8313ECVRAFF FREESCALE-MPC8313ECVRAFF Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8313EVRAFF FREESCALE-MPC8313EVRAFF Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8313ZQGDF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com