Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEL6012AI Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # AEL6012AI
Description  60-Series General Oscillator Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

AEL6012AI Datasheet(HTML) 1 Page - AEL Crystals Ltd

  AEL6012AI Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Min
Typ
Max
Unit
Frequency Range
1
125
MHz
Overall Stability (+/-)
10
100
ppm
Supply Voltage (+/-10%)
1.8
5
V
Operating Temperature Range
0~70
-40~+85
Deg C
Capacitive Load on Output
15
50
pF
TTL Load on Output
1
10
TTL
Supply Current:
5V
1.0-9.9MHz
15
mA
5V
10-34.9MHz
20
mA
5V
35-49.9MHz
35
mA
5V
50-125MHz
40
mA
3.3V 1.0-9.9MHz
8
mA
3.3V 10-34.9MHz
10
mA
3.3V 35-49.9MHz
25
mA
3.3V 50-125MHz
35
mA
Pin Assignments
Tri-State Voltages
Output Voltage :
Pin 1
Tri-State (601-)
N.C
Output Active
High (5Vdd)
4.5
V
Pin 2
Ground
>2.2V
Output Active
High (3.3Vdd)
2.97
V
Pin 3
Output
<0.8V
Output Disabled
Low (5Vdd)
0.5
V
Pin 4
+V DC
(Pin 1 has internal pull up resistor to allow
Low (3.3Vdd)
0.33
V
it to float High)
Symmetry
40:60
45:55
48:52
%
Jitter
1
pS
AEL60
Rise/Fall time (frequency dependant)
5
7
nS
Pin 1:
1=E/D
Start up Time
10
mS
Supply voltage:
0=5V, 3=3.3, 2=2.5V, 1=1.8V
Stability* (+/-ppm):
C=100, B=50, A=25
Temperature range:
S=0~+70, I=-40~+85C
TITLE
Part Number
Stock Number
Issue Date
Issue Number
Options and How to Specify
60-Series General Oscillator Specifications
e.g. AEL6010CI 10MHz = E/D, 5V, +/-100ppm, -40~+85C, 10MHz
18/10/2007
6
AEL Crystals Ltd. Reserve the right to amend specifications without notification. Please ensure you have the latest issue
AEL 60-series oscillator
Contact Sales Office
Contact Sales Office
*please contact our Sales Office for further options
Module "D", Airtech II
Jenner Road, Manor Royal
Crawley RH10 9GA
Not to be reproduced without permission of AEL Crystals Ltd


Similar Part No. - AEL6012AI

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEL60US12 XPPOWER-AEL60US12 Datasheet
197Kb / 8P
   AC-DC Power Supplies
AEL60US12-L6 XPPOWER-AEL60US12-L6 Datasheet
752Kb / 6P
   AC-DC Power Supplies
AEL60US15 XPPOWER-AEL60US15 Datasheet
197Kb / 8P
   AC-DC Power Supplies
AEL60US18 XPPOWER-AEL60US18 Datasheet
197Kb / 8P
   AC-DC Power Supplies
AEL60US24 XPPOWER-AEL60US24 Datasheet
197Kb / 8P
   AC-DC Power Supplies
More results

Similar Description - AEL6012AI

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL45 AEL-AEL45 Datasheet
57Kb / 1P
   45-Series General Oscillator Specifications
AEL30 AEL-AEL30 Datasheet
35Kb / 1P
   30-Series General Oscillator Specifications
AEL43 AEL-AEL43 Datasheet
34Kb / 1P
   43-Series General Oscillator Specifications
AEL97 AEL-AEL97 Datasheet
49Kb / 1P
   97-Series General Oscillator Specifications
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
logo
Wolfgang Knap
22SMODO-SO9936C WK-22SMODO-SO9936C Datasheet
83Kb / 1P
   OSCILLATOR SPECIFICATIONS
32SMO-9980A WK-32SMO-9980A Datasheet
116Kb / 1P
   OSCILLATOR SPECIFICATIONS
97SMOWWW-SO9968A WK-97SMOWWW-SO9968A Datasheet
296Kb / 1P
   Oscillator specifications
97SMOWW-SO9969A WK-97SMOWW-SO9969A Datasheet
282Kb / 1P
   Oscillator specifications
logo
List of Unclassifed Man...
BA2-B0-34-610-121-D ETC2-BA2-B0-34-610-121-D Datasheet
2Mb / 17P
   B-Series ??General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com