Electronic Components Datasheet Search |
|
MC8641DVU1333G Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MC8641DVU1333G Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 140 page MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 9 Electrical Characteristics Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8641. Figure 2. Overshoot/Undershoot Voltage for D n _M/O/L/TVIN The MPC8641 core voltage must always be provided at nominal VDD_Coren (See Table 2 for actual recommended core voltage). Voltage to the processor interface I/Os are provided through separate sets of supply pins and must be provided at the voltages shown in Table 2. The input voltage threshold scales with respect to the associated I/O supply voltage. OVDD and L/TVDD based receivers are simple CMOS I/O circuits and satisfy appropriate LVCMOS type specifications. The DDR SDRAM interface uses a single-ended differential receiver referenced to each externally supplied Dn_MVREF signal (nominally set to Dn_GVDD/2) as is appropriate for the (SSTL-18 and SSTL-25) electrical signaling standards. 2.1.3 Output Driver Characteristics Table 3 provides information on the characteristics of the output driver strengths. The values are preliminary estimates. GND GND – 0.3 V GND – 0.7 V Not to Exceed 10% L/T/D n_G/O/X/SVDD + 20% L/T/D n_G/O/X/SVDD L/T/D n_G/O/X/SVDD + 5% of tCLK 1 1. tCLK references clocks for various functional blocks as follows: VIH VIL Note: DDR n = 10% of Dn_MCK period eTsec n = 10% of ECn_GTX_CLK125 period Local Bus = 10% of LCLK[0:2] period I2C = 10% of SYSCLK JTAG = 10% of SYSCLK |
Similar Part No. - MC8641DVU1333G |
|
Similar Description - MC8641DVU1333G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |