Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH2S516.3840001.00X Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # TH2S516.3840001.00X
Description  Quartz Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

TH2S516.3840001.00X Datasheet(HTML) 1 Page - AEL Crystals Ltd

  TH2S516.3840001.00X Datasheet HTML 1Page - AEL Crystals Ltd TH2S516.3840001.00X Datasheet HTML 2Page - AEL Crystals Ltd TH2S516.3840001.00X Datasheet HTML 3Page - AEL Crystals Ltd TH2S516.3840001.00X Datasheet HTML 4Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input Voltage
+3.0V or +5.0V
+3.0V
+5.0V
+-5%
Adjustment Tol
Frequency Range
Package Dependant
Frequency Stability
Vs Temperature
Vs Aging
Vs Voltage Change
+-5% Change
Vs Load Change
+-10% Change
Operating Temp
Storage Temp
Mechanical Adjust
Built in trimmer models only
Linearity
-
Control Voltage
-
+1.5V +-1.0V
+2.5V +-2.0V
Pull Range
-
+-5ppm min
+-6ppm min
Pull range to '+-80ppm available
Slope Polarity
-
Output Voltage Level
Rise & Fall Time
Duty Cycle
Current Consumption
Start-up Time
Output Voltage Level
Current Consumption
Load
+-0.3ppm max
+-0.3ppm max
With Trimmer - Adjustable to the nominal frequency
Without Trimmer - '+-3ppm or +-1ppm @ +25 Deg C
1.00 to 60MHz
Positive or Negative
TTL / CMOS Square Wave
TTL - 5nS from 0.5V to 2.4V
0to60Deg C to-30 to +75Deg C
-40to+85 Deg C
+-3ppm min
10% max
+-1.00ppm to +-10.0ppm
+-1.00ppm max per year @ 25 Deg C
10mS max
TTL - Logic High: 2.4V min ; Logic Low 0.4V max
CMOS - Logic High: 90% Vdd min ; Logic Low 10% Vdd max
Clipped Sine Wave
CMOS - 10% to 90% Vdd for CMOS
TTL - 40% to 60% measured at 1.4V
CMOS - 40% to 60% measured at 50% Vdd
5#25mA max. Frequency and Input voltage dependant
10K Ohms // 15pF
+3.0V - 0.8V p-p min
+5.0V- 1.0V p-pmin
+3.0V - 1.0 mA max
+5.0V - 2.0 mA max
Specify
VCTCXO and TCXO
quar tz
based
fr equency
contr ol
components
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
FEATURES
APPLICATIONS
GENERAL
SPECIFICATION
Wide Frequency Range
Fast Turnaround Options
Low Cost
Industry Standard Devices
IT Applications
Datacommunications
Telecommunications
Automotive Electronics
32


Similar Part No. - TH2S516.3840001.00X

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
logo
VITALCONN ELECTRONICS H...
TH20011D VITALCONN-TH20011D Datasheet
342Kb / 1P
   Dual Port 10/100 BASE-T MAGNETICS MODULES
2022/01/10 (REV: A2)
logo
Topstek Inc.
TH20A TOPSTEK-TH20A Datasheet
131Kb / 3P
   Topstek Current Transducer
TH20A-B12 TOPSTEK-TH20A-B12 Datasheet
131Kb / 3P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TH21 ETC1-TH21 Datasheet
262Kb / 3P
   Type VR Vertical Mounting Clamp
More results

Similar Description - TH2S516.3840001.00X

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
X-ACT AEL-X-ACT Datasheet
1Mb / 2P
   Quartz Crystal Oscillators
logo
STATEK CORPORATION
CX-1H-03 STATEK-CX-1H-03 Datasheet
78Kb / 2P
   Miniature Quartz Crystal for Series Oscillators
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX1H STATEK-CX1H_08 Datasheet
165Kb / 2P
   Miniature Quartz Crystal for Series Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
   of quartz crystal oscillators provide enable/disable
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM_08 Datasheet
132Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1HSM STATEK-CX1HSM Datasheet
479Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com