Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21123 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C21123
Description  PSoC짰 Mixed Signal Array
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21123 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C21123 Datasheet HTML 3Page - Cypress Semiconductor CY8C21123 Datasheet HTML 4Page - Cypress Semiconductor CY8C21123 Datasheet HTML 5Page - Cypress Semiconductor CY8C21123 Datasheet HTML 6Page - Cypress Semiconductor CY8C21123 Datasheet HTML 7Page - Cypress Semiconductor CY8C21123 Datasheet HTML 8Page - Cypress Semiconductor CY8C21123 Datasheet HTML 9Page - Cypress Semiconductor CY8C21123 Datasheet HTML 10Page - Cypress Semiconductor CY8C21123 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *H
Page 7 of 37
Document Conventions
Acronyms Used
The following table lists the acronyms used in this data sheet.
Units of Measure
A units of measure table is located in the section
Electrical Specifications on page 16. Table 11 on page 16 lists all
the abbreviations used to measure the PSoC devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended
lowercase
‘b’
(for
example,
01010100b’
or
‘01000011b’). Numbers not indicated by an ‘h’, ‘b’, or 0x are
decimal.
Table 2. Acronyms
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
EEPROM
electrically erasable programmable read-only
memory
FSR
full scale range
GPIO
general purpose IO
IO
input/output
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip
PWM
pulse width modulator
ROM
read only memory
SC
switched capacitor
SMP
switch mode pump
SRAM
static random access memory
[+] Feedback
[+] Feedback


Similar Part No. - CY8C21123

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123-24SXI CYPRESS-CY8C21123-24SXI Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21123-24SXI CYPRESS-CY8C21123-24SXI Datasheet
701Kb / 44P
   PSoC짰 Programmable System-on-Chip?
CY8C21123-24SXIT CYPRESS-CY8C21123-24SXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C21123

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com