Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64355-48LTXCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C64355-48LTXCT
Description  enCoRe??V Full-Speed USB Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64355-48LTXCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C64355-48LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 12Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 13Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 14Page - Cypress Semiconductor CY7C64355-48LTXCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY7C6431x
CY7C64345, CY7C6435x
Document Number: 001-12394 Rev. *F
Page 11 of 29
Register Reference
The section discusses the registers of the enCoRe V device. It lists all the registers in mapping tables, in address order.
Register Conventions
The register conventions specific to this section are listed in the
following table.
Register Mapping Tables
The enCoRe V device has a total register address space of 512
bytes. The register space is also referred to as IO space and is
broken into two parts: Bank 0 (user space) and Bank 1 (configu-
ration space). The XIO bit in the Flag register (CPU_F) deter-
mines which bank the user is currently in. When the XIO bit is
set, the user is said to be in the “extended” address space or the
“configuration” registers.
Table 4. Register Conventions
Convention
Description
R
Read register or bits
W
Write register or bits
O
Only a read/write register or bits
L
Logical register or bits
C
Clearable register or bits
#
Access is bit specific
[+] Feedback


Similar Part No. - CY7C64355-48LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64355-48LTXCT CYPRESS-CY7C64355-48LTXCT Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64355-48LTXCT CYPRESS-CY7C64355-48LTXCT Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64355-48LTXCT CYPRESS-CY7C64355-48LTXCT Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64355-48LTXCT CYPRESS-CY7C64355-48LTXCT Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64355-48LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com