Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21223-24SXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C21223-24SXI
Description  PSoC짰 Mixed Signal Array
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21223-24SXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C21223-24SXI Datasheet HTML 1Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 2Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 3Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 4Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 5Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 6Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 7Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 8Page - Cypress Semiconductor CY8C21223-24SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *H
Page 2 of 37
PSoC® Functional Overview
The PSoC® family consists of many Mixed Signal Array with
On-Chip Controller devices. These devices are designed to
replace multiple traditional MCU-based system components with
a low cost single-chip programmable component. A PSoC
device includes configurable blocks of analog and digital logic,
and programmable interconnect. This architecture allows the
user to create customized peripheral configurations, to match
the requirements of each individual application. Additionally, a
fast CPU, Flash program memory, SRAM data memory, and
configurable IO are included in a range of convenient pinouts.
The PSoC architecture, as shown in Figure 1, consists of four
main areas: the Core, the System Resources, the Digital
System, and the Analog System. Configurable global bus
resources allow the combining of all device resources into a
complete custom system. Each PSoC device includes four digital
blocks. Depending on the PSoC package, up to two analog
comparators and up to 16 general purpose IO (GPIO) are also
included. The GPIO provide access to the global digital and
analog interconnects.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO
(internal main oscillator) and ILO (internal low speed oscillator).
The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a four MIPS 8-bit Harvard
architecture microprocessor.
System Resources provide additional capability, such as digital
clocks to increase the flexibility of the PSoC mixed-signal arrays,
I2C functionality for implementing an I2C master, slave, Multi-
Master, an internal voltage reference that provides an absolute
value of 1.3V to a number of PSoC subsystems, a switch mode
pump (SMP) that generates normal operating voltages off a
single battery cell, and various system resets supported by the
M8C.
The Digital System consists of an array of digital PSoC blocks,
which can be configured into any number of digital peripherals.
The digital blocks can be connected to the GPIO through a series
of global bus that can route any signal to any pin. This frees
designs from the constraints of a fixed peripheral controller.
The Analog System consists of four analog PSoC blocks,
supporting comparators and analog-to-digital conversion up to 8
bits in precision.
Digital System
The Digital System consists of four digital PSoC blocks. Each
block is an 8-bit resource that can be used alone or combined
with other blocks to form 8, 16, 24, and 32-bit peripherals, which
are
called
user
module
references.
Digital
peripheral
configurations include:
PWMs (8 to 32 bit)
PWMs with Dead band (8 to 32 bit)
Counters (8 to 32 bit)
Timers (8 to 32 bit)
UART 8 bit with selectable parity (up to four)
SPI master and slave
I2C slave, master, MultiMaster (one available as a System
Resource)
Cyclical Redundancy Checker/Generator (8 to 32 bit)
IrDA (up to four)
Pseudo Random Sequence Generators (8 to 32 bit)
The digital blocks can be connected to any GPIO through a
series of global bus that can route any signal to any pin. The
busses also allow for signal multiplexing and performing logic
operations. This configurability frees your designs from the
constraints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This provides an optimum
choice of system resources for your application. Family
resources are shown in Table 1 on page 3.
Figure 1. Digital System Block Diagram
DIGITAL SYSTEM
To SystemBus
DigitalClocks
FromCore
Digital PSoCBlockArray
ToAnalog
System
8
8
8
8
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
GlobalDigital
Interconnect
Port 1
Port 0
[+] Feedback
[+] Feedback


Similar Part No. - CY8C21223-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21223-24SXI CYPRESS-CY8C21223-24SXI Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21223-24SXI CYPRESS-CY8C21223-24SXI Datasheet
701Kb / 44P
   PSoC짰 Programmable System-on-Chip?
CY8C21223-24SXIT CYPRESS-CY8C21223-24SXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21223-24SXIT CYPRESS-CY8C21223-24SXIT Datasheet
701Kb / 44P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21223-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com