Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21223-24SXIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C21223-24SXIT
Description  PSoC짰 Mixed Signal Array
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21223-24SXIT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C21223-24SXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C21223-24SXIT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *H
Page 8 of 37
Pin Information
This section describes, lists, and illustrates the CY8C21x23 PSoC device pins and pinout configurations. Every port pin (labeled with
a “P”) is capable of Digital IO. However, Vss, Vdd, SMP, and XRES are not capable of Digital IO.
8-Pin Part Pinout
16-Pin Part Pinout
Table 3. Pin Definitions - 8-Pin SOIC
Pin
No.
Type
Pin
Name
Description
Figure 5. CY8C21123 8-Pin PSoC Device
Digital
Analog
1
IO
I
P0[5]
Analog Column Mux Input
2
IO
I
P0[3]
Analog Column Mux Input
3
IO
P1[1]
I2C Serial Clock (SCL), ISSP-SCLK*
4
Power
Vss
Ground Connection
5
IO
P1[0]
I2C Serial Data (SDA), ISSP-SDATA*
6
IO
I
P0[2]
Analog Column Mux Input
7
IO
I
P0[4]
Analog Column Mux Input
8
Power
Vdd
Supply Voltage
LEGEND: A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array
Technical Reference Manual for details.
SOIC
1
2
3
4
8
7
6
5
Vdd
P0[4], A, I
P0[2], A, I
P1[0], I2CSDA
A, I, P0[5]
A, I, P0[3]
I2C SCL, P1[1]
Vss
Table 4. Pin Definitions - 16-Pin SOIC
Pin
No.
Type
Pin
Name
Description
Figure 6. CY8C21223 16-Pin PSoC Device
Digital
Analog
1
IO
I
P0[7]
Analog Column Mux Input
2
IO
I
P0[5]
Analog Column Mux Input
3
IO
I
P0[3]
Analog Column Mux Input
4
IO
I
P0[1]
Analog Column Mux Input
5
Power
SMP
Switch Mode Pump (SMP) Connection to
required External Components
6
Power
Vss
Ground Connection
7
IO
P1[1]
I2C Serial Clock (SCL), ISSP-SCLK*
8
Power
Vss
Ground Connection
9
IO
P1[0]
I2C Serial Data (SDA), ISSP-SDATA*
10
IO
P1[2]
11
IO
P1[4]
Optional External Clock Input (EXTCLK)
12
IO
I
P0[0]
Analog Column Mux Input
13
IO
I
P0[2]
Analog Column Mux Input
14
IO
I
P0[4]
Analog Column Mux Input
15
IO
I
P0[6]
Analog Column Mux Input
16
Power
Vdd
Supply Voltage
LEGEND A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at
POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
SOIC
Vdd
P0[6],A,I
P0[4],A,I
P0[2],A,I
P0[0],A,I
P1[4],EXTCLK
P1[2]
P1[0],I2CSDA
16
15
14
13
12
11
1
2
3
4
5
6
7
8
A,I,P0[7]
A, I,P0[5]
A, I,P0[3]
A, I,P0[1]
SMP
Vss
I2CSCL,P1[1]
Vss
10
9
[+] Feedback
[+] Feedback


Similar Part No. - CY8C21223-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21223-24SXIT CYPRESS-CY8C21223-24SXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21223-24SXIT CYPRESS-CY8C21223-24SXIT Datasheet
701Kb / 44P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21223-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com