Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20366-24LQXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C20366-24LQXI
Description  CapSense??Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20366-24LQXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C20366-24LQXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20366-24LQXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CY8C20x46, CY8C20x66
Document Number: 001-12696 Rev. *C
Page 3 of 34
PSoC® Functional Overview
The PSoC family consists of many Mixed-Signal Array with On-
Chip Controller devices. These devices are designed to replace
multiple traditional MCU-based components with one, low cost
single-chip programmable component. A PSoC device includes
configurable analog and digital blocks, as well as programmable
interconnect. This architecture allows the user to create
customized peripheral configurations, to match the requirements
of each individual application. Additionally, a fast CPU, Flash
program memory, SRAM data memory, and configurable IO are
included in a range of convenient pinouts.
The architecture for this device family, as illustrated above, is
comprised of three main areas: the Core, the CapSense Analog
System, and the System Resources (including a full-speed USB
port). A common, versatile bus allows connection between IO
and the analog system. Each CY8C20x46/CY8C20x66 PSoC
device includes a dedicated CapSense block that provides
sensing and scanning control circuitry for capacitive sensing
applications. Depending on the PSoC package, up to 36 general
purpose IO (GPIO) are also included. The GPIO provides access
to the MCU and analog mux.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO
(internal main oscillator) and ILO (internal low speed oscillator).
The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a four-MIPS, 8-bit Harvard
architecture microprocessor.
System Resources provide additional capability, such as config-
urable USB and I2C slave/SPI master-slave communication
interface, three 16-bit programmable timers, and various system
resets supported by the M8C.
The Analog System is composed of the CapSense PSoC block
and an internal 1.2V analog reference, which together support
capacitive sensing of up to 36 inputs.
CapSense Analog System
The Analog System contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. Capacitive sensing is configurable on
each GPIO pin. Scanning of enabled CapSense pins are
completed quickly and easily across multiple ports.
Figure 1. Analog System Block Diagram
The Analog Multiplexer System
The Analog Mux Bus can connect to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge continu-
ously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces, such as sliders and
touchpads.
Chip-wide mux that allows analog input from any IO pin.
Crosspoint connection between any IO pin combinations.
When designing capacitive sensing applications, refer to the lat-
est signal-to-noise signal level requirements Application Notes,
which can be found under http://www.cypress.com >> Docu-
mentation >> Application Notes. In general, and unless other-
wise noted in the relevant Application Notes, the minimum
signal-to-noise ratio (SNR) for CapSense applications is 5:1.
IDAC
Reference
Buffer
Vr
Cinternal
CapSenseCounters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Oscillator
CSCLK
IMO
[+] Feedback


Similar Part No. - CY8C20366-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20324 CYPRESS-CY8C20324 Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20324 CYPRESS-CY8C20324 Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20324-12LQXI CYPRESS-CY8C20324-12LQXI Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20324-12LQXI CYPRESS-CY8C20324-12LQXI Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20324-12LQXI CYPRESS-CY8C20324-12LQXI Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20366-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com