Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50.000XO26A100UCC Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 50.000XO26A100UCC
Description  7x5mm SMD High G withstanding CMOS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

50.000XO26A100UCC Datasheet(HTML) 1 Page - EUROQUARTZ limited

  50.000XO26A100UCC Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
7x5mm SMD High G withstanding CMOS
DESCRIPTION
XO26 Series oscillators are able to survive high shocks up to
100,000g. The design consists of a hermetically sealed high-shock
crystal and a CMOS compatible integrated circuit housed in 7 x 5 x
2.25mm surface mount ceramic package.
Miniature 7.5 x 5.0 x 2.25mm hermetically-sealed package
Shock survivability < 100,000 g
Frequency Range 460kHz to 50MHz
Power Down or Enable/Disable option
Testing to MIL-PRF-55310 available
XO26 Series Oscillators
Frequency Range:
460kHz to 50.0MHz
Supply Voltage:
1.8, 2.5, 3.3 or 5.0 Volts ±10%
Output Logic:
CMOS
Calibration Tolerance:
from ±5ppm at 25°C
Frequency Stability
over Temperature*
Commercial (0~70°C): ±10ppm
Industrial (-40~+85°C: ±20ppm
Military (-55~+125°C): ±30ppm
Total Frequency Stability**
Commercial:
±15ppm
Industrial:
±25ppm
Military:
±35ppm
Output Load***:
15pF
Start-up Time:
10ms maximum
Rise/Fall Time:
8ns maximum
Shock Survival:
<100,000g peak, 0.5ms, 0.5 sine
Vibration Survival:
20g rms, 10-2000Hz random
Packaging:
Tray pack or tape and reel
Notes:
*
Does not include calibration tolerances
**
Frequency over temperature raltive to nominal frequency
***
TTL loads and higher CMOS loads available - contact sales.
Absolute Maximum Ratings
Supply Voltage:
-0.5 to 7.0Volts
Storage Temperature:
-55° to +125°C
Maximum Process Temperature: 260°C for 10 seconds
SPECIFICATION
Option
Power Down
P
Enable/Disable
T
Not Connected
Blank
LOW
High Z
HIGH
Frequency output
LOW
High Z
HIGH
Frequency output
NC
Frequency output
ENABLE/DISABLE, POWER DOWN, NOT CONNECTED
OUTLINE & DIMENSIONS
Example:
50.000MHz XO26A050UMTA
PART NUMBERING
Frequency
Series Designation XO26
Shock Level (see table above)
Stability*
100 = ±100ppm
50 = ±50ppm
25 = ±25ppm
Output Universal (CMOS)
Operating Temp. Range
C = Commercial
I = Industrial
M = Military
Pad 1 Function
P = Power Down
T = Enable/Disable
Blank = not connected
Supply Voltage**
Blank = 5.0 Volts
A = 3.3 Volts
B = 2.5 Volts
C = 1.8 Volts
*
For other stability requirements enter figure required.
**
For other supply voltage enter required voltage.
Specifying
Code
Pad 1*
Pad 3
* Normally HIGH (internal pull-up resistor)
ENABLE/DISABLE vs. POWER DOWN
P - Power Down:
When Pad 1 is LOW the oscillator stops running
T - Enable/Disable: When Pad 1 is LOW the internal oscillator
continues to run but the output (Pad 3) is in a
high impedance (Z) state.
Power Down:
Disabled current consumption low,
recovery delayed.
Enable/Disable:
Disabled current consumption lower than normal,
Recovery immediate.
SHOCK WITHSTAND
Code
Shock Level
Code
Shock Level
A
5,000g
B
10,000g
C
20,000g
D
30,000g
F
50,000g
G
75,000g
H
100,000g


Similar Part No. - 50.000XO26A100UCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
   Digital and analog outputs
More results

Similar Description - 50.000XO26A100UCC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HPA576 EUROQUARTZ-HPA576 Datasheet
378Kb / 1P
   7x5mm SMD 6 pad
logo
Fox Electronics
O7HS FOX-O7HS Datasheet
296Kb / 5P
   HCMOS 7x5mm SMD Oscillator
O7HA FOX-O7HA Datasheet
272Kb / 5P
   HCMOS 7x5mm SMD Oscillator
O7SL FOX-O7SL Datasheet
220Kb / 4P
   HCSL 7x5mm SMD Oscillator
logo
EUROQUARTZ limited
HPW576 EUROQUARTZ-HPW576 Datasheet
379Kb / 1P
   7x5mm SMD 6 pad
logo
Fox Electronics
O7HH FOX-O7HH Datasheet
242Kb / 3P
   HCMOS 7x5mm SMD Oscillator
logo
EUROQUARTZ limited
HPF576 EUROQUARTZ-HPF576 Datasheet
378Kb / 1P
   7x5mm SMD 6 pad
logo
Fox Electronics
O7HB FOX-O7HB Datasheet
240Kb / 3P
   HCMOS 7x5mm SMD Oscillator
O7PD FOX-O7PD Datasheet
288Kb / 4P
   7x5mm LVPECL SMD Oscillator
C7BS FOX-C7BS Datasheet
240Kb / 2P
   7x5mm Ceramic SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com