Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CNP102E-AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8CNP102E-AXI
Description  Nonvolatile Programmable System-on-Chip(PSoC짰 NV)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CNP102E-AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8CNP102E-AXI Datasheet HTML 4Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 5Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 6Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 7Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 8Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 9Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 10Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 11Page - Cypress Semiconductor CY8CNP102E-AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
PRELIMINARY
CY8CNP102B, CY8CNP102E
Document #: 001-43991 Rev. *D
Page 8 of 38
Online Help System
The online help system displays online, context sensitive help for
the user. Designed for procedural and quick reference, each
functional subsystem has its own context sensitive help. This
system also provides tutorials and links to FAQs and an Online
Support Forum to aid the designer in getting started.
Hardware Tools
In-Circuit Emulator
A low cost, high functionality ICE (In-Circuit Emulator) is
available for development support. This hardware has the
capability to program single devices.
The emulator consists of a base unit that connects to the PC
through the USB port. The base unit is universal and operates
with all PSoC devices. Emulation pods for each device family are
available separately. The emulation pod takes the place of the
PSoC device in the target board and performs full speed
(24 MHz) operation.
Designing with User Modules
The development process for the PSoC device differs from that
of a traditional fixed function microprocessor. The configurable
analog and digital hardware blocks give the PSoC architecture a
unique flexibility that manages specification change during
development and lowers inventory costs. These configurable
resources, called PSoC Blocks, implement a wide variety of
user-selectable functions. Each block has several registers that
determine its function and connectivity to other blocks,
multiplexers, buses, and to the IO pins. Iterative development
cycles permit you to adapt the hardware and the software. This
substantially lowers the risk of selecting a different part to meet
the final design requirements.
To speed the development process, the PSoC Designer IDE
provides a library of prebuilt, pretested hardware peripheral
functions, called “User Modules.” User modules simplify
selecting and implementing peripheral devices, and come in
analog, digital, and mixed signal varieties. The standard User
Module library contains over 50 peripherals such as ADCs,
DACs, Timers, Counters, UARTs, nvSRAM, DTMF Generators,
and Bi-Quad analog filter sections.
Each user module establishes the basic register settings that
implement the selected function. It also provides parameters that
enable you to tailor its precise configuration to your particular
application. For example, a Pulse Width Modulator User Module
configures one or more digital PSoC blocks, one for each 8 bits
of resolution. The user module parameters permit you to
establish the pulse width and duty cycle. User modules also
provide tested software to cut your development time. The user
module Application Programming Interface (API) provides high
level functions to control and respond to hardware events at run
time. The API also provides optional interrupt service routines
that you can adapt as needed.
The API functions are documented in user module data sheets
that are viewed directly in the PSoC Designer IDE. These data
sheets explain the internal operation of the user module and
provide performance specifications. Each data sheet describes
the use of each user module parameter and documents the
setting of each register controlled by the user module.
The development process starts when you open a new project
and bring up the Device Editor, which is a graphical user
interface (GUI) for configuring the hardware. Pick the user
modules required for your project and map them onto the PSoC
blocks with point and click simplicity. Next, build signal chains by
interconnecting user modules to each other and to the IO pins.
At this stage, configure the clock source connections and enter
parameter values directly or by selecting values from drop down
menus. When you are ready to test the hardware configuration
or develop code for the project, perform the “Generate
Application” step. PSoC Designer generates source code that
automatically configures the device to your specification and
provides high level user module API functions.
User Module and Source Code Development Flows
The next step is to write the main program, and any subroutine
using PSoC Designer’s Application Editor subsystem. The
Application Editor includes a Project Manager that enables you
to open the project source code files (including all generated
code files) from a hierarchal view. The source code editor
provides syntax coloring and advanced edit features for C and
assembly language. File search capabilities include simple string
searches and recursive “grep-style” patterns. A single mouse
click invokes the Build Manager.
It employs a professional strength “makefile” system to
automatically analyze all file dependencies and run the compiler
and assembler as necessary. Project level options control
optimization strategies used by the compiler and linker. Syntax
errors are displayed in a console window. Double clicking the
error message takes you directly to the offending line of source
code. After correction, the linker builds a HEX file image suitable
for programming.
Figure 3. User Module and Source Code Development Flows
Debugger
Interface
to ICE
Application Editor
Device Editor
Project
Manager
Source
Code
Editor
Storage
Inspector
User
Module
Selection
Placement
and
Parameter
-ization
Generate
Application
Build
All
Event &
Breakpoint
Manager
Build
Manager
Source
Code
Generator
[+] Feedback


Similar Part No. - CY8CNP102E-AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20066-24LTXI CYPRESS-CY8C20066-24LTXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20066-24LTXI CYPRESS-CY8C20066-24LTXI Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8CNP102E-AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com