Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CTST120 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8CTST120
Description  TrueTouch??Single-Touch Touchscreen Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTST120 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8CTST120 Datasheet HTML 6Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 7Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 8Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 9Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 10Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 11Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 12Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 13Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CY8CTST120
Document Number: 001-46932 Rev. *B
Page 10 of 32
Pin
No.
Name
Description
Pin
No.
Name
Description
23
IO
MP5[1]
73
NC
No connection. Leave floating.
24
IO
M
P1[7]
I2C Serial Clock (SCL).
74
IO
I
P0[0]
Analog column mux input.
25
NC
No Connection. Leave floating.
75
NC
No connection. Leave floating.
26
NC
No Connection. Leave floating.
76
NC
No connection. Leave floating.
27
NC
No Connection. Leave floating.
77
IO
I, M
P0[2]
Analog column mux input and column output.
28
IO
P1[5]
I2C Serial Data (SDA)
78
NC
No connection. Leave floating.
29
IO
P1[3]
79
IO
I, M
P0[4]
Analog column mux input and column output.
30
IO
P1[1]
Crystal (XTALin), I2C Serial Clock (SCL),
ISSP SCLK[3].
80
NC
No connection. Leave floating.
31
NC
No Connection. Leave floating.
81
IO
I, M
P0[6]
Analog column mux input.
32
Power
Vss
Ground connection.
82
Power
Vdd
Supply voltage. Bypass to ground with 0.1 uF
capacitor.
33
USB
D+
83
NC
No connection. Leave floating.
34
USB
D-
84
Power
Vss
Ground. Connect to circuit ground.
35
Power
Vdd
Supply voltage. Bypass to ground with 0.1 uF
capacitor.
85
NC
No connection. Leave floating.
36
IO
P7[7]
86
NC
No Connection. Leave floating.
37
IO
P7[6]
87
NC
No Connection. Leave floating.
38
IO
P7[5]
88
NC
No Connection. Leave floating.
39
IO
P7[4]
89
NC
No Connection. Leave floating.
40
IO
P7[3]
90
NC
No Connection. Leave floating.
41
IO
P7[2]
91
NC
No Connection. Leave floating.
42
IO
P7[1]
92
NC
No Connection. Leave floating.
43
IO
P7[0]
93
NC
No Connection. Leave floating.
44
NC
No Connection. Leave floating.
94
NC
No Connection. Leave floating.
45
NC
No Connection. Leave floating.
95
IO
I, M
P0[7]
Analog column mux input.
46
NC
No Connection. Leave floating.
96
NC
No Connection. Leave floating.
47
NC
No Connection. Leave floating.
97
IO
IO, M
P0[5]
Analog column mux input and column output.
48
IO
P1[0]
Crystal (XTALout), I2C Serial Data (SDA),
ISSP SDATA[3].
98
NC
No Connection. Leave floating.
49
IO
P1[2]
99
IO
IO, M P0[3]
Analog column mux input and column output.
50
IO
P1[4]
Optional External Clock Input (EXTCLK).
100
NC
No Connection. Leave floating.
LEGEND A = Analog, I = Input, O = Output, NC = No Connection, M = Analog Mux Input, OCD = On-Chip Debugger.
Table 3. 100-Pin Part Pinout (TQFP) (continued)
[+] Feedback


Similar Part No. - CY8CTST120

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-00PVXI CYPRESS-CY8CTST110-00PVXI Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-32LTXI CYPRESS-CY8CTST110-32LTXI Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-32LTXIT CYPRESS-CY8CTST110-32LTXIT Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
More results

Similar Description - CY8CTST120

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA445A CYPRESS-CYTMA445A Datasheet
437Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com