Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C24994-24LFXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C24994-24LFXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24994-24LFXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C24994-24LFXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C24994-24LFXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
CY8C24094, CY8C24794
CY8C24894, CY8C24994
Document Number: 38-12018 Rev. *L
Page 5 of 46
5. Development Tools
PSoC Designer is a Microsoft® Windows-based, integrated
development
environment
for
the
Programmable
System-on-Chip (PSoC) devices. The PSoC Designer IDE and
application runs on Windows NT 4.0, Windows 2000, Windows
Millennium (Me), or Windows XP. (Reference the PSoC Designer
Functional Flow diagram below.)
PSoC Designer helps the customer to select an operating config-
uration for the PSoC, write application code that uses the PSoC,
and debug the application. This system provides design
database management by project, an integrated debugger with
In-Circuit Emulator, in-system programming support, and the
CYASM macro assembler for the CPUs.
PSoC Designer also supports a high-level C language compiler
developed specifically for the devices in the family.
Figure 5-1. PSoC Designer Subsystems
5.1 PSoC Designer Software Subsystems
5.1.1 Device Editor
The Device Editor subsystem allows the user to select different
onboard analog and digital components called user modules
using the PSoC blocks. Examples of user modules are ADCs,
DACs, Amplifiers, and Filters.
The device editor also supports easy development of multiple
configurations and dynamic reconfiguration. Dynamic configu-
ration allows for changing configurations at run time.
PSoC Designer sets up power-on initialization tables for selected
PSoC block configurations and creates source code for an appli-
cation framework. The framework contains software to operate
the selected components and, if the project uses more than one
operating configuration, contains routines to switch between
different sets of PSoC block configurations at run time. PSoC
Designer can print out a configuration sheet for a given project
configuration for use during application programming in
conjunction with the Device Data Sheet. After the framework is
generated, the user can add application-specific code to flesh
out the framework. It’s also possible to change the selected
components and regenerate the framework.
5.1.2 Design Browser
The Design Browser allows users to select and import precon-
figured designs into the user’s project. Users can easily browse
a catalog of preconfigured designs to facilitate time-to-design.
Examples provided in the tools include a 300-baud modem, LIN
Bus master and slave, fan controller, and magnetic card reader.
5.1.3 Application Editor
In the Application Editor you can edit your C language and
Assembly language source code. You can also assemble,
compile, link, and build.
Assembler. The macro assembler allows the assembly code to
be merged seamlessly with C code. The link libraries automati-
cally use absolute addressing or are compiled in relative mode,
and linked with other software modules to get absolute
addressing.
C Language Compiler. A C language compiler is available that
supports the PSoC family of devices. Even if you have never
worked in the C language before, the product quickly allows you
to create complete C programs for the PSoC family devices.
The embedded, optimizing C compiler provides all the features
of C tailored to the PSoC architecture. It comes complete with
embedded libraries providing port and bus operations, standard
keypad and display support, and extended math functionality.
5.1.4 Debugger
The PSoC Designer Debugger subsystem provides hardware
in-circuit emulation, allowing the designer to test the program in
a physical system while providing an internal view of the PSoC
device. Debugger commands allow the designer to read and
program and read and write data memory, read and write IO
registers, read and write CPU registers, set and clear break-
points, and provide program run, halt, and step control. The
debugger also allows the designer to create a trace buffer of
registers and memory locations of interest.
5.1.5 Online Help System
The online help system displays online, context-sensitive help
for the user. Designed for procedural and quick reference, each
functional subsystem has its own context-sensitive help. This
system also provides tutorials and links to FAQs and an Online
Support Forum to aid the designer in getting started.
PSoC
Designer
Core
Engine
PSoC
Configuration
Sheet
Manufacturing
Information
File
Device
Database
Importable
Design
Database
Device
Programmer
Graphical Designer
Interface
Context
Sensitive
Help
Emulation
Pod
In-Circuit
Emulator
Project
Database
Application
Database
User
Modules
Library
PSoC
Designer
[+] Feedback


Similar Part No. - CY8C24994-24LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994-24LFXIT CYPRESS-CY8C24994-24LFXIT Datasheet
697Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C24994-24LFXIT CYPRESS-CY8C24994-24LFXIT Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C24994-24LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com