Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CTST110-32LTXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CTST110-32LTXIT
Description  TrueTouch??Single-Touch Touchscreen Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTST110-32LTXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CTST110-32LTXIT Datasheet HTML 5Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 9Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 10Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 11Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 12Page - Cypress Semiconductor CY8CTST110-32LTXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY8CTST110
Document Number: 001-46931 Rev. *B
Page 9 of 32
Table 3. Pin Definitions - CY8CTST110 32-Pin (QFN)
Pin
No.
Type
Name
Description
Digital
Analog
1
IO
I, M
P0[1]
Analog column mux input, integrating input.
2
IO
M
P2[7]
3
IO
M
P2[5]
4
IO
M
P2[3]
5
IO
M
P2[1]
6
IO
M
P3[3]
7
IO
M
P3[1]
8
IO
M
P1[7]
I2C Serial Clock (SCL).
9
IO
M
P1[5]
I2C Serial Data (SDA).
10
IO
M
P1[3]
11
IO
M
P1[1]
I2C Serial Clock (SCL), ISSP-SCLK[3].
12
Power
Vss
Ground. Connect to circuit ground.
13
IO
M
P1[0]
I2C Serial Data (SDA), ISSP-SDATA[3].
14
IO
M
P1[2]
15
IO
M
P1[4]
Optional External Clock Input (EXTCLK).
16
IO
M
P1[6]
17
Input
XRES
Active high external reset with internal pull down.
18
IO
M
P3[0]
19
IO
M
P3[2]
20
IO
M
P2[0]
21
IO
M
P2[2]
22
IO
M
P2[4]
23
IO
M
P2[6]
24
IO
I, M
P0[0]
Analog column mux input.
25
IO
I, M
P0[2]
Analog column mux input.
26
IO
I, M
P0[4]
Analog column mux input.
27
IO
I, M
P0[6]
Analog column mux input.
28
Power
Vdd
Supply voltage. Bypass to ground with 0.1 uF capacitor.
29
IO
I, M
P0[7]
Analog column mux input.
30
IO
I, M
P0[5]
Analog column mux input.
31
IO
I, M
P0[3]
Analog column mux input, integrating input.
32
Power
Vss
Ground. Connect to circuit ground.
EP
Power
Vss
Exposed pad is internally connected to ground. Connect to circuit ground.
LEGEND A = Analog, I = Input, O = Output, and M = Analog Mux Input.
Note
3. These are the ISSP pins, which are not High Z at POR (Power On Reset)
[+] Feedback


Similar Part No. - CY8CTST110-32LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST120 CYPRESS-CY8CTST120 Datasheet
794Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120-00AXI CYPRESS-CY8CTST120-00AXI Datasheet
794Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120-56LFXI CYPRESS-CY8CTST120-56LFXI Datasheet
794Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120-56LFXIT CYPRESS-CY8CTST120-56LFXIT Datasheet
794Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
More results

Similar Description - CY8CTST110-32LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST120 CYPRESS-CY8CTST120 Datasheet
794Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA445A CYPRESS-CYTMA445A Datasheet
437Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com