Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CTST120-56LFXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8CTST120-56LFXI
Description  TrueTouch??Single-Touch Touchscreen Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTST120-56LFXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8CTST120-56LFXI Datasheet HTML 1Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 2Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 3Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 4Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 5Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 6Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 7Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 8Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CY8CTST120
Document Number: 001-46932 Rev. *B
Page 2 of 32
TrueTouch Functional Overview
The TrueTouch family provides the fastest and most efficient way
to develop and tune a capacitive touchscreen application. A
TrueTouch device includes the configurable TrueTouch block,
configurable analog and digital logic, programmable inter-
connect, and an 8-bit CPU to run custom firmware. This archi-
tecture enables the user to create flexible, customized
single-touch touchscreen configurations to match the require-
ments of each individual touchscreen application. Various
configurations of Flash program memory, SRAM data memory,
and configurable IO are included in a range of convenient
pinouts.
The TrueTouch architecture is comprised of four main areas: the
Core, Digital System, the TrueTouch Analog System, and
System Resources including a full speed USB port. Configurable
global busing allows all the device resources to be combined into
a complete custom touchscreen system. The CY8CTST120
device can have up to seven IO ports that connect to the global
digital and analog interconnects, providing access to four digital
blocks and six analog blocks. Implementation of touchscreen
applications allows additional digital and analog resources to be
used depending on the touchscreen design. The CY8CTST120
is offered in a 56-pin QFN package with up to 48 general purpose
IO (GPIO), and support of up to 44 X/Y sensors.
When designing touchscreen applications, refer to the UM data
sheet for performance requirements to meet and detailed design
process explanation.
The TrueTouch Core
The core includes a CPU, memory, clocks, and configurable
GPIO (General Purpose IO).
The M8C CPU core is a powerful processor with speeds up to 24
MHz, providing a four MIPS 8-bit Harvard architecture micropro-
cessor. The CPU uses an interrupt controller with up to 20
vectors, to simplify programming of real time embedded events.
Program execution is timed and protected using the included
Sleep and Watch Dog Timers (WDT).
Memory encompasses 16K of Flash for program storage, 1K of
SRAM for data storage, and up to 2K of EEPROM emulated
using the Flash. Program Flash uses four protection levels on
blocks of 64 bytes, allowing customized software IP protection.
The TrueTouch device incorporates flexible internal clock gener-
ators, including a 24 MHz IMO (internal main oscillator) accurate
to 8% over temperature and voltage. The 24 MHz IMO can also
be doubled to 48 MHz for use by the digital system. A low power
32 kHz ILO (internal low speed oscillator) is provided for the
sleep timer and WDT. The clocks, together with programmable
clock dividers (as a System Resource), provide the flexibility to
integrate almost any timing requirement into the TrueTouch
device. In USB systems, the IMO self-tunes to ± 0.25% accuracy
for USB communication.
The GPIOs provide connection to the CPU, digital and analog
resources of the device. Each pin’s drive mode may be selected
from eight options, allowing great flexibility in external inter-
facing. Every pin is capable of generating a system interrupt on
high level, low level, and change from last read.
The Digital System
The Digital System is composed of four digital PSoC blocks.
Each block is an 8-bit resource that is used alone or combined
with other blocks to form 8, 16, 24, and 32-bit peripherals, which
are called user module references.
Figure 1. Digital System Block Diagram
Digital peripheral configurations include those listed below.
Full-Speed USB (12 Mbps)
PWMs (8 to 32 bit)
PWMs with dead band (8 to 24 bit)
Counters (8 to 32 bit)
Timers (8 to 32 bit)
UART 8 bit with selectable parity
SPI master and slave
I2C slave and multi-master
Pseudo Random Sequence Generators (8 to 32 bit)
The digital blocks can be connected to any GPIO through a
series of global buses that can route any signal to any pin. The
buses also allow signal multiplexing and for performing logic
operations. This configurability frees your designs from the
constraints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This allows you the
optimum choice of system resources for your application. Family
characteristics are shown in Table 1 on page 4.
DIGITAL SYSTEM
To System Bus
DigitalClocks
FromCore
Digital PSoC Block Array
ToAnalog
System
8
8
8
8
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
GlobalDigital
Interconnect
Port 1
Port 0
Port 3
Port 2
Port 5
Port 4
Port 7
[+] Feedback


Similar Part No. - CY8CTST120-56LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-00PVXI CYPRESS-CY8CTST110-00PVXI Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-32LTXI CYPRESS-CY8CTST110-32LTXI Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-32LTXIT CYPRESS-CY8CTST110-32LTXIT Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
More results

Similar Description - CY8CTST120-56LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA445A CYPRESS-CYTMA445A Datasheet
437Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com