Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5702BECLQ Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # SPC5702BECLQ
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5702BECLQ Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button SPC5702BECLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5702BECLQ Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
Pinout and Signal Descriptions
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
2
Pinout and Signal Descriptions
Mode entry module (MEM)
Provides a mechanism for controlling the device operational mode
and mode transition sequences in all functional states; also manages
the power control unit, reset generation module and clock generation
module, and holds the configuration, control and status registers
accessible for applications
Nexus development interface (NDI) level
Provides real-time development support capabilities in compliance
with the IEEE-ISTO 5001-2003 standard
Peripheral interrupt timer (PIT)
Produces periodic interrupts and triggers
Power control unit (PCU)
Reduces the overall power consumption by disconnecting parts of the
device from the power supply via a power switching device; device
components are grouped into sections called “power domains” which
are controlled by the PCU
Static random-access memory (SRAM)
Provides storage for program code, constants, and variables
Reset generation module (RGM)
Centralizes reset sources and manages the device reset sequence of
the device
Real time counter (RTC)
A free running counter used for time keeping applications, the RTC
can be configured to generate an interrupt at a pre-defined interval
independent of the mode of operation (run mode or low-power mode)
Sound generation logic (SGL)
Provides monotonic and polyphonic sound generation capability
Stepper motor controller (SMC)
A PWM motor controller suitable for driving instruments in a cluster
configuration or any other loads requiring a PWM signal
Stepper stall detect (SDD)
The SSD module connects to one stepper (SM) motor with 2 coils and
is used to monitor the movement of the SM to detect that the attached
gauge pointer has reached the stall position of the scale
System integration unit (SIU)
Provides control over all the electrical pad controls and up 32 ports
with 16 bits of bidirectional, general-purpose input and output signals
and supports up to 32 external interrupts with trigger event
configuration
System status configuration module (SSCM) Provides system configuration and status data, e.g., memory size and
status, device mode and security status, DMA status, etc., device
identification data, debug status port enable and selection, and bus
and peripheral abort enable/disable
System timer (STM)
Provides a set of output compare events to support AutoSAR and
operating system tasks
System watchdog timer (SWT)
Provides protection from runaway code
Test control unit (TCU)
An extension of the JTAG controller module, the TCU provides the
means to test chip functionality and connectivity while remaining
transparent to system logic when not in test mode
Table 2. MPC5606S Series Block Summary (continued)
Block
Function


Similar Part No. - SPC5702BECLQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5705BECLLR FREESCALE-SPC5705BECLLR Datasheet
1Mb / 92P
   Microcontroller
SPC5705BECLQR FREESCALE-SPC5705BECLQR Datasheet
1Mb / 92P
   Microcontroller
SPC5705BECLUR FREESCALE-SPC5705BECLUR Datasheet
1Mb / 92P
   Microcontroller
SPC5705BEMLLR FREESCALE-SPC5705BEMLLR Datasheet
1Mb / 92P
   Microcontroller
SPC5705BEMLQR FREESCALE-SPC5705BEMLQR Datasheet
1Mb / 92P
   Microcontroller
More results

Similar Description - SPC5702BECLQ

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com