Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2309NZSXC-1HT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2309NZSXC-1HT
Description  Nine-Output 3.3V Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309NZSXC-1HT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2309NZSXC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2309NZSXC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2309NZSXC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2309NZSXC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2309NZSXC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2309NZSXC-1HT Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY2309NZ
Document #: 38-07182 Rev. *E
Page 4 of 6
Package Diagram
Figure 6. 16-Pin (150-Mil) SOIC S16
Ordering Information
Ordering Code
Package Type
Operating Range
CY2309NZSC–1H[4]
16-pin 150-mil SOIC
Commercial
CY2309NZSC–1HT[4]
16-pin 150-mil SOIC – Tape and Reel
Commercial
Pb-free
CY2309NZSXC–1H
16-pin 150-mil SOIC
Commercial
CY2309NZSXC–1HT
16-pin 150-mil SOIC – Tape and Reel
Commercial
CY2309NZSXI-1H
16-pin 150-mil SOIC
Industrial
CY2309NZSXI-1HT
16-pin 150-mil SOIC – Tape and Reel
Industrial
0.1
μF
VDD
0.1
μF
VDD
CLK out
C LOAD
OUTPUTS
GND
GND
Test Circuits
PIN 1 ID
0°~8°
16 Lead (150 Mil) SOIC
1
8
916
SEATING PLANE
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.386[9.804]
0.393[9.982]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
DIMENSIONS IN INCHES[MM] MIN.
MAX.
0.016[0.406]
0.010[0.254]
X 45°
0.004[0.102]
REFERENCE JEDEC MS-012
PART #
S16.15 STANDARD PKG.
SZ16.15 LEAD FREE PKG.
PACKAGE WEIGHT 0.15gms
51-85068-*B
Note
4. Not recommended for new designs.
[+] Feedback


Similar Part No. - CY2309NZSXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZSC-1H CYPRESS-CY2309NZSC-1H Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
CY2309NZSI-1H CYPRESS-CY2309NZSI-1H Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
More results

Similar Description - CY2309NZSXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
logo
Alliance Semiconductor ...
ASM2P2309NZ ALSC-ASM2P2309NZ Datasheet
398Kb / 9P
   Nine Output 3.3V Buffer
ASM5P2309NZ ALSC-ASM5P2309NZ Datasheet
392Kb / 9P
   Nine Output 3.3V Buffer
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com