Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY5057 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY5057
Description  High-Frequency Flash Programmable PLL Die with Spread Spectrum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY5057 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY5057 Datasheet HTML 1Page - Cypress Semiconductor CY5057 Datasheet HTML 2Page - Cypress Semiconductor CY5057 Datasheet HTML 3Page - Cypress Semiconductor CY5057 Datasheet HTML 4Page - Cypress Semiconductor CY5057 Datasheet HTML 5Page - Cypress Semiconductor CY5057 Datasheet HTML 6Page - Cypress Semiconductor CY5057 Datasheet HTML 7Page - Cypress Semiconductor CY5057 Datasheet HTML 8Page - Cypress Semiconductor CY5057 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY5057
Document #: 38-07363 Rev. *E
Page 4 of 10
Figure 1. Crystal Oscillator Tuning Circuit
Table 3. Crystal Oscillator Tuning Cap Values
Inkless Die Pick Map (DPM) Format
Cypress ships inkless wafers to customers with an accompa-
nying die pick map, which is used to determine the good die for
assembly and programming. Customers can also access
individual
DPM
files
at
their
convenience
through
ftp.cypress.com with a valid user account login and password.
Contact your local Cypress Field Application Engineer (FAE) or
sales representative for a customer FTP account. The DPM files
are named using the fab lot number and wafer number scribed
on the wafer. The DPM files are transferred to the customer’s
FTP account when the factory ships out the wafers against their
purchase order (PO).
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Supply voltage ................................................. –0.5 to +7.0V
Input voltage .............................................–0.5V to VDD + 0.5
Storage temperature (non condensing) ...... –55
°C to +125°C
Junction temperature................................. –40
°C to +125°C
Data retention at Tj = 125
°C..................................> 10 years
Maximum non volatile programming cycles......................100
Static discharge voltage........................................... > 2000V
(per MIL-STD-883, method 3015)
Output (pad 9) sink or sources current ........20 mA maximum
XOUT
XIN
CXIN
CXOUT
C0
C1
C2
C3
C4
C5
C6
C7
C7
C6
C5
C4
C3
C2
C1
C0
RF
Bit[1]
Capacitance per Bit (pF)
C7 (MSB)
24.32
C6
12.16
C5
6.08
C4
3.04
C3
1.52
C2
0.76
C1
0.38
C0 (LSB)
0.19
Note
1. CXIN, CXOUT, and parasitic capacitance due to fixture and package should be included when calculating the total capacitance.
[+] Feedback


Similar Part No. - CY5057

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY5057 CYPRESS-CY5057 Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057 CYPRESS-CY5057 Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF CYPRESS-CY5057-11WAF Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF-IL CYPRESS-CY5057-11WAF-IL Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057-11WAF-IL CYPRESS-CY5057-11WAF-IL Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
More results

Similar Description - CY5057

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY5057 CYPRESS-CY5057_11 Datasheet
300Kb / 11P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
CY5057 CYPRESS-CY5057 Datasheet
246Kb / 10P
   High-Frequency Flash Programmable PLL Die with Spread Spectrum
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
logo
Cypress Semiconductor
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com