Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25100SXCF Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY25100SXCF
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100SXCF Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY25100SXCF Datasheet HTML 4Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 5Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 6Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 7Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 8Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 9Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 10Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 11Page - Cypress Semiconductor CY25100SXCF Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 8 of 13
Informational Graphs (continued)[6]
Duty Cycle vs. REFCLK
( C LOA D =1 5 pF)
40
42
44
46
48
50
52
54
56
58
60
0
50
100
150
200
REFCLK (MHz)
IDD vs . SSCLK
T e m p e r atu r e =25C, V DD=3.3V , C L OA D=15p F, SS o ff,
Re fclk = 30M Hz
0
5
10
15
20
25
30
0
50
100
150
200
SSC L K (M Hz )
Measured Spread% vs. VDD over Tem perature
(Target Spread = 0.5%, Fout=100MHz, CLOAD=15pF)
0.40%
0.45%
0.50%
0.55%
0.60%
2.7
3
3.3
3.6
3.9
VDD (V)
-40C
25C
85C
Measured Spread% vs. VDD over
Tem perature
(Target Spread = 5.0%, Fout=100MHz, CLOAD=15pF)
4.00%
4.50%
5.00%
5.50%
6.00%
2.7
3
3.3
3.6
3.9
VDD (V)
-40C
25C
85C
SSCLK Attenuation vs. VDD over Tem perature
(Measured at 7th Harmonic w ith Fnom=100MHz and
Spread=0.5%, CLOAD=15pF)
-10
-8
-6
-4
-2
0
2.7
3
3.3
3.6
3.9
VDD (V)
-40C
25C
85C
SSCLK Attenuation vs. VDD over Tem perature
(Measured at 7th Harmonic w ith Fnom=100MHz and
Spread=5.0%, C
LOAD=15pF)
-20
-18
-16
-14
-12
-10
2.7
3
3.3
3.6
3.9
VDD (V)
-40C
25C
85C
Note
6. The Informational Graphs are meant to convey the typical performance levels. No performance specifications is implied or guaranteed. Refer to the tables on pages
4 and 5 for device specifications.
[+] Feedback


Similar Part No. - CY25100SXCF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100SXCF CYPRESS-CY25100SXCF Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100SXCF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com