Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22381FXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22381FXCT
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381FXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY22381FXCT Datasheet HTML 1Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 2Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 3Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 4Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 5Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 6Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 7Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 8Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document #: 38-07012 Rev. *E
Revised October 10, 2008
Page 9 of 9
CYClocks RT is a trademark of Cypress Semiconductor Corporation. All products and company names mentioned in this document may be the trademarks of their respective holders.
CY22381
© Cypress Semiconductor Corporation, 2001-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of
any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for
medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems
application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Document History Page
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
PSoC Solutions
General
psoc.cypress.com/solutions
Low Power/Low Voltage
psoc.cypress.com/low-power
Precision Analog
psoc.cypress.com/precision-analog
LCD Drive
psoc.cypress.com/lcd-drive
CAN 2.0b
psoc.cypress.com/can
USB
psoc.cypress.com/usb
Document Title: CY22381 Three-PLL General Purpose Flash Programmable Clock Generator
Document Number: 38-07012
REV.
ECN
Orig. of
Change
Submission
Date
Description of Change
**
106737
TLG
07/03/01
New data sheet
*A
108514
JWK
08/23/01
Updated based on characterization results
Removed “Preliminary” heading
Removed soldering temperature rating
Split crystal load into two typical specs representing digital settings range
Changed t5 max to 300 ns
Changed t6 typical to 200 ps
Changed t7 typical to 1.0 ms
*B
110053
CKN
12/10/01
Changed from preliminary to final
*C
121863
RBI
12/14/02
Added power up requirements to Operating Conditions information
*D
279431
RGL
See ECN
Added lead-free devices
*E
2584052
AESA
10/10/08
Updated template. Added Note 8 and 9. Added part number CY22381FC,
CY22381FCT, CY3672-USB, CY3699, CY22381FSZC in ordering
information table.
Removed part number CY22381FI, CY22381FIT, CY22381SC-xxx,
CY22381SC-xxxT, CY22381SI-xxx, and CY22381SI-xxxT in Ordering
Information table.
Added CY223811FXI (NiPdAu lead frame).
Changed Lead-Free to Pb-Free.
[+] Feedback


Similar Part No. - CY22381FXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381FXCT CYPRESS-CY22381FXCT Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FXCT CYPRESS-CY22381FXCT Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FXCT CYPRESS-CY22381FXCT Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381FXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com