Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25100SXC-XXXW Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25100SXC-XXXW
Description  Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100SXC-XXXW Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25100SXC-XXXW Datasheet HTML 3Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 4Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 5Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 6Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 7Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 8Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 9Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 10Page - Cypress Semiconductor CY25100SXC-XXXW Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY25100
Document #: 38-07499 Rev. *F
Page 7 of 13
Switching Waveforms
CLKOUT
VDD
TOE1
VIL
VIH
OUTPUT
ENABLE
0V
(Asynchronous)
High Impedance
TOE2
Figure 6. Output Enable/Disable Timing
Informational Graphs [6]
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= -4%
172.5
171.5
170.5
169.5
168.5
167.5
166.5
165.5
164.5
163.5
162.5
161.5
160.5
159.5
Fnominal
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
169.5
169
168.5
168
167.5
167
166.5
166
165.5
165
164.5
164
163.5
163
162.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= -4%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
68.5
68
67.5
67
66.5
66
65.5
65
64.5
64
63.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
67.5
67
66.5
66
65.5
65
64.5
[+] Feedback


Similar Part No. - CY25100SXC-XXXW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100SXC-XXXW CYPRESS-CY25100SXC-XXXW Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100SXC-XXXWT CYPRESS-CY25100SXC-XXXWT Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100SXC-XXXW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com