Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2308SC-2 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2308SC-2
Description  3.3V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SC-2 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2308SC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 9Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 10Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY2308
Document Number: 38-07146 Rev. *F
Page 7 of 14
t5
Output to Output Skew on
same Bank (–1, –2, –3, –4)[7, 8]
All outputs equally loaded
200
ps
Output to Output Skew
(–1H, –5H)
All outputs equally loaded
200
ps
Output Bank A to Output Bank
B Skew (–1, –4, –5H)
All outputs equally loaded
200
ps
Output Bank A to Output Bank
B Skew (–2, –3)
All outputs equally loaded
400
ps
t6
Delay, REF Rising Edge to
FBK Rising Edge[78]
Measured at VDD/2
0
±250
ps
t7
Device to Device Skew[7, 8]
Measured at VDD/2 on the FBK pins of
devices
–0
700
ps
t8
Output Slew Rate[7, 8]
Measured between 0.8V and 2.0V on
–1H, –5H device using Test Circuit 2
1–
V/ns
tJ
Cycle to Cycle Jitter[7, 8]
(–1, –1H, –4, –5H)
Measured at 66.67 MHz, loaded
outputs, 15 pF load
–75
200
ps
Measured at 66.67 MHz, loaded
outputs, 30 pF load
––
200
ps
Measured at 133.3 MHz, loaded
outputs, 15 pF load
––
100
ps
tJ
Cycle to Cycle Jitter[7, 8]
(–2, –3)
Measured at 66.67 MHz, loaded
outputs
30 pF load
––
400
ps
Measured at 66.67 MHz, loaded
outputs
15 pF load
––
400
ps
tLOCK
PLL Lock Time[7, 8]
Stable power supply, valid clocks
presented on REF and FBK pins
––
1.0
ms
Switching Characteristics for Industrial Temperature Devices (continued)
Parameter[8]
Name
Test Conditions
Min
Typ
Max
Unit
Switching Waveforms
t1
t2
1.4V
1.4V
1.4V
Figure 3. Duty Cycle Timing
OUTPUT
t3
3.3V
0V
0.8V
2.0V
2.0V
0.8V
t4
Figure 4. All Outputs Rise/Fall Time
[+] Feedback


Similar Part No. - CY2308SC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SC-2 CYPRESS-CY2308SC-2 Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SC-2 CYPRESS-CY2308SC-2 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SC-2 CYPRESS-CY2308SC-2 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SC-2T CYPRESS-CY2308SC-2T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SC-2T CYPRESS-CY2308SC-2T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SC-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com